Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6284G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N6284G.
Description  Darlington ComplementarySilicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6284G. Datasheet(HTML) 2 Page - ON Semiconductor

  2N6284G. Datasheet HTML 1Page - ON Semiconductor 2N6284G. Datasheet HTML 2Page - ON Semiconductor 2N6284G. Datasheet HTML 3Page - ON Semiconductor 2N6284G. Datasheet HTML 4Page - ON Semiconductor 2N6284G. Datasheet HTML 5Page - ON Semiconductor 2N6284G. Datasheet HTML 6Page - ON Semiconductor 2N6284G. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N6284 (NPN); 2N6286, 2N6287 (PNP)
http://onsemi.com
2
25
50
100
125
200
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
160
60
40
140
0
75
150
0
20
80
100
120
175
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted) (Note 2)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 0.1 Adc, IB = 0)
2N6286
2N6284, 2N6287
VCEO(sus)
80
100
−
−
Vdc
Collector Cutoff Current
(VCE = 40 Vdc, IB = 0)
(VCE = 50 Vdc, IB = 0)
ICEO
−
−
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = Rated VCB, VBE(off) = 1.5 Vdc)
(VCE = Rated VCB, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEX
−
−
0.5
5.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
−
2.0
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 10 Adc, VCE = 3.0 Vdc)
(IC = 20 Adc, VCE = 3.0 Vdc)
hFE
750
100
18,000
−
−
Collector−Emitter Saturation Voltage
(IC = 10 Adc, IB = 40 mAdc)
(IC = 20 Adc, IB = 200 mAdc)
VCE(sat)
−
−
2.0
3.0
Vdc
Base−Emitter On Voltage
(IC = 10 Adc, VCE = 3.0 Vdc)
VBE(on)
−
2.8
Vdc
Base−Emitter Saturation Voltage
(IC = 20 Adc, IB = 200 mAdc)
VBE(sat)
−
4.0
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small−Signal Short−Circuit
Forward Current Transfer Ratio
(IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
|hfe|
4.0
−
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
2N6284
2N6286, 2N6287
Cob
−
−
400
600
pF
Small−Signal Current Gain
(IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
300
−
−
2. Indicates JEDEC Registered Data.
3. Pulse test: Pulse Width = 300 ms, Duty Cycle = 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com