Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER37HE Datasheet(PDF) 29 Page - STMicroelectronics

Part # VIPER37HE
Description  VIPerPlus family: fixed frequency offline converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER37HE Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VIPER37HE Datasheet HTML 25Page - STMicroelectronics VIPER37HE Datasheet HTML 26Page - STMicroelectronics VIPER37HE Datasheet HTML 27Page - STMicroelectronics VIPER37HE Datasheet HTML 28Page - STMicroelectronics VIPER37HE Datasheet HTML 29Page - STMicroelectronics VIPER37HE Datasheet HTML 30Page - STMicroelectronics VIPER37HE Datasheet HTML 31Page - STMicroelectronics VIPER37HE Datasheet HTML 32Page - STMicroelectronics VIPER37HE Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
VIPER37
Operation description
Doc ID 022218 Rev 1
29/35
Figure 32.
Burst mode timing diagram, light load management
8.12
Brownout protection
Brownout protection is a not-latched shutdown function activated when a condition of mains
undervoltage is detected.
The brownout comparator is internally referenced to VBRth,Table 8, and disables the PWM if
the voltage applied at the BR pin is below this internal reference. Under this condition the
Power MOSFET is turned off. Until the brownout condition is present, the VDD voltage
continuously oscillates between the VDDon and the UVLO thresholds, as shown in the timing
diagram of
Figure 33. A voltage hysteresis is present to improve the noise immunity.
The switching operation is restarted as the voltage on the pin is above the reference plus the
previously mentioned voltage hysteresis, see
Figure 5.
The brownout comparator is provided also with a current hysteresis, IBRhyst. The user must
set the rectified input voltage above which the Power MOSFET starts switching after
brownout event, VINon, and the rectified input voltage below which the Power MOSFET is
switched off, VINoff. Thanks to the IBRhyst, see Table 8, these two thresholds can be set
separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com