Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS745 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS745
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS745 Datasheet HTML 1Page - STMicroelectronics STPS745 Datasheet HTML 2Page - STMicroelectronics STPS745 Datasheet HTML 3Page - STMicroelectronics STPS745 Datasheet HTML 4Page - STMicroelectronics STPS745 Datasheet HTML 5Page - STMicroelectronics STPS745 Datasheet HTML 6Page - STMicroelectronics STPS745 Datasheet HTML 7Page - STMicroelectronics STPS745 Datasheet HTML 8Page - STMicroelectronics STPS745 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STPS745
Characteristics
3/9
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
012345
678
9
10
0
1
2
3
4
5
6
P
(W)
F(AV)
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
I
(A)
F(AV)
R
=15°C/W
th(j-a)
R
=40°C/W
th(j-a)
T
δ=tp/T
tp
R=R
th(j-a)
th(j-c)
T
(°C)
amb
TO-220FPAC
TO-220AC
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values)
(TO-220AC and D2PAK)
Figure 6.
Non repetitive surge peak
forwardcurrent versus overload
duration (maximum values)
(TO-220FPAC)
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
I (A)
M
IM
t
δ=0.5
t(s)
T =50°C
C
T =100°C
C
T =150°C
C
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
I (A)
M
IM
t
δ=0.5
t(s)
T =50°C
C
T =100°C
C
T =150°C
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com