| Electronic Components Datasheet Search |
|
P8044AH-R0117 Datasheet(PDF) 39 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
P8044AH-R0117 Datasheet(HTML) 39 Page - InnovASIC, Inc |
|
39 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 39 of 65 1-888-824-4184 ® Bit [2]—OPB → (STS.2) Optional poll bit. When set, the SIU will AUTO respond to an optional poll (UP with P=0). The SIU can set or clear the OPB. Bit [1]—AM → (STS.1) Auto mode. Dual purpose bit depending upon the setting of bit NB (SMD.1). If NB is cleared, AM selects the AUTO mode when set, Flexible mode when clear. If NB is set, AM selects the addressed mode when set and the non-addressed mode when clear. The SIU can clear AM. Bit [0]—RBP → (STS.0) Receive buffer protect. When set, prevents writing of data into the receive buffer. Causes RNR response instead of RR in AUTO mode. 4.10.4 Send/Receive Count Register (NSNR) Table 34 presents the Send/Receive Count Register, which contains both the transmit and receive sequence numbers in addition to the tally error indications. The CPU can read and write the STS. Accessing the STS by the CPU via two cycle instructions—JBC bit,rel and MOV bit,C—should not be used. The SIU can read and write the NSNR. The NS and NR counters are not used in non-AUTO mode. NSNR is bit addressable. Table 34. Send/Receive Count Register 7 6 5 4 3 2 1 0 NS2 NS1 NS0 SES NR2 NR1 NR0 SER Bit [7]—NS2 → (NSNR.7) Send sequence counter, Bit [2]. Bit [6]—NS1 → (NSNR.6) Send sequence counter, Bit [1]. Bit [5]—NS0 → (NSNR.5) Send sequence counter, Bit [0]. Bit [4]—SES → (NSNR.4) Sequence error send. NR (P) ≠ NS (S) and NR (P) ≠ NS (S) + 1. Bit [3]—NR2 → (NSNR.3) Receive sequence counter, Bit [2]. Bit [2]—NR1 → (NSNR.2) Receive sequence counter, Bit [1]. Bit [1]—NR0 → (NSNR.1) Receive sequence counter, Bit [0]. Bit [0]—SER → (NSNR.0) Sequence error receive. NS (P) ≠ NR (S). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |