| Electronic Components Datasheet Search |
|
AD9852/PCB Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9852/PCB Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 52 page ![]() AD9852 Rev. E | Page 19 of 52 Table 7. Function Availability vs. Mode of Operation Function Single-Tone Mode FSK Mode Ramped FSK Mode Chirp Mode BPSK Mode Phase Adjust 1 ● ● ● ● ● Phase Adjust 2 ● Single-Pin FSK/BPSK or HOLD ● ● ● ● Single-Pin Output Shaped Keying ● ● ● ● ● Phase Offset or Modulation ● ● ● ● Amplitude Control or Modulation ● ● ● ● ● Inverse Sinc Filter ● ● ● ● ● Frequency Tuning Word 1 ● ● ● ● ● Frequency Tuning Word 2 ● ● Automatic Frequency Sweep ● ● UNRAMPED FSK (MODE 001) When this mode is selected, the output frequency of the DDS is a function of the values loaded into Frequency Tuning Word Register 1 and Frequency Tuning Word Register 2 and the logic level of Pin 29 (FSK/BPSK/HOLD). A logic low on Pin 29 chooses F1 (Frequency Tuning Word 1, Parallel Address 4 hex to Parallel Address 9 hex), and a logic high chooses F2 (Frequency Tuning Word 2, Parallel Register Address A hex to Parallel Register Address F hex). Changes in frequency are phase continuous and are internally coincident with the FSK data pin (Pin 29); however, there is deterministic pipeline delay between the FSK data signal and the DAC output (see Table 1). The unramped FSK mode (see Figure 33) is representative of traditional FSK, radio teletype (RTTY), or teletype (TTY) transmission of digital data. FSK is a very reliable means of digital communication; however, it makes inefficient use of the bandwidth in the RF spectrum. Ramped FSK, shown in Figure 34, is a method of conserving the bandwidth. RAMPED FSK (MODE 010) In this method of FSK, changes from F1 to F2 are not instantaneous, but are accomplished in a frequency sweep or ramped fashion. The ramped notation implies the sweep is linear. Although linear sweeping, or frequency ramping, is easily and automatically accomplished, it is only one of many possibilities. Other frequency transition schemes can be implemented by changing the ramp rate and ramp step size at any time during operation. Frequency ramping, whether linear or nonlinear, necessitates that many intermediate frequencies between F1 and F2 are output in addition to the primary F1 and F2 frequencies. Figure 34 and Figure 35 graphically depict the frequency vs. time characteristics of a linear ramped FSK signal. In ramped FSK mode, the delta frequency word (DFW) is required to be programmed as a positive twos complement value. Another requirement is that the lowest frequency (F1) be programmed in the Frequency Tuning Word 1 registers. F1 F2 0 FREQUENCY MODE TW1 TW2 FSK DATA (PIN 29) 001 (FSK NO RAMP) F1 F2 000 (DEFAULT) 0 0 I/O UD CLK Figure 33. Unramped (Traditional) FSK Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |