Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8651ARMZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8651ARMZ-R2
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8651ARMZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8651ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8651ARMZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8651/AD8652
Rev. C | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VOS (µV)
VS = ±2.5V
VCM = 0V
0
10
50
40
30
20
60
Figure 5. Input Offset Voltage Distribution
–300
–200
200
100
0
–100
300
TEMPERATURE (°C)
–50
0
50
100
150
VS = ±2.5V
VCM = 0V
Figure 6. Input Offset Voltage vs. Temperature
0
10
50
40
30
20
60
TCVOS (µV/°C)
01
2
34
5
67
8
9
10
11
VS = ±2.5V
VCM =0V
TA: –40°C TO +125°C
Figure 7. TCVOS Distribution
–20
0
80
60
40
20
100
COMMON-MODE VOLTAGE (V)
01
23
4
5
6
VS = 5V
Figure 8. Input Offset Voltage vs. Common-Mode Voltage
0
500
400
300
200
100
TEMPERATURE (°C)
040
120
100
80
60
20
140
VS = ±2.5V
Figure 9. Input Bias Current vs. Temperature
0
10
8
6
4
2
SUPPLY VOLTAGE (V)
02
5
4
3
1
6
Figure 10. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com