Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8034ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8034ART-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8034ART-R2 Datasheet HTML 8Page - Analog Devices AD8034ART-R2 Datasheet HTML 9Page - Analog Devices AD8034ART-R2 Datasheet HTML 10Page - Analog Devices AD8034ART-R2 Datasheet HTML 11Page - Analog Devices AD8034ART-R2 Datasheet HTML 12Page - Analog Devices AD8034ART-R2 Datasheet HTML 13Page - Analog Devices AD8034ART-R2 Datasheet HTML 14Page - Analog Devices AD8034ART-R2 Datasheet HTML 15Page - Analog Devices AD8034ART-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD8033/AD8034
Rev. D | Page 11 of 24
2mV/DIV
1.5µs/DIV
VOUT – 2VIN
VIN = 1V
t = 0
+0.1%
–0.1%
Figure 30. Long-Term Settling Time
TEMPERATURE (°C)
85
20
25
30
35
40
45
50
60
65
70
80
75
55
0
–40
–20
–25
–30
–35
–10
–15
–5
+Ib
–Ib
Figure 31. Ib vs. Temperature
–Ib
+Ib
–Ib
+Ib
BJT INPUT RANGE
FET INPUT RANGE
COMMON-MODE VOLTAGE (V)
–4
–6
–8
–10
–12
–2
02
46
8
12
10
10
5
0
–5
–10
–15
–20
–25
–30
0
6
12
18
24
30
36
42
Figure 32. Ib vs. Common-Mode Voltage Range
2mV/DIV
20ns/DIV
VIN = 1V
t = 0
+0.1%
–0.1%
VOUT – 2VIN
Figure 33. 0.1% Short-Term Settling Time
–40
–20
0
204060
80
TEMPERATURE (°C)
7.0
6.4
5.9
6.9
6.7
6.2
6.0
6.6
6.8
6.5
6.3
6.1
VS = +5V
VS = ±5V
VS = ±12V
Figure 34. Quiescent Supply Current vs. Temperature for Various Supply
Voltages
4.0
0.5
–1.0
–12 –10 –8 –6 –4 –2
0
2
4
6
8
10 12 14
–14
3.5
1.0
0
–0.5
2.5
1.5
3.0
2.0
COMMON-MODE VOLTAGE (V)
VS = +5V
VS = ±5V
VS = ±12V
Figure 35. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com