| Electronic Components Datasheet Search |
|
ADE03SA Datasheet(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ADE03SA Datasheet(HTML) 3 Page - Tyco Electronics |
|
3 / 326 page ![]() GD Series A3 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 A DIP Switches, Low Profile, Slide Actuator, Through Hole and Surface Mount ENVIRONMENTAL SPECIFICATIONS: Operating Temperature …………-30°C to +85°C Storage Temperature……………-45°C to +100°C Solder Heat Resistance …………See page M3-4 FEATURES: • Conventional gold wiping contact system • Available in PC and surface mount configurations • Traditional tape seal standard • 95% Minimum solder coverage (90/10 tin lead) • Withstands wave soldering temperature of 245°C for 3-5 seconds • Heat deflection temperature of 260°C for surface mount compatibility • End stackable (GDS version) • Auto-insertable (GDS and GDB version) • Vacuum pick and place compatible (GDS, GDB and GDH) • Half pitch .050” terminal spacing (GDH version) • Available in optional tape & reel packaging • Shipped in the off position MATERIAL SPECIFICATIONS: Moving Contact ……………Gold over nickel over copper alloy Fixed Contact ………………Gold over nickel over copper alloy Base Material ………………PPS UL94V-0 Cover Material ………………PPS UL94V-0 Actuator Material ……………High temperature polyester/polyamide Terminal ……………………Tin lead plated over nickel over copper alloy TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ………………0.4 VA @ 24 VDC Initial Contact Resistance ……100 Milliohms max. Insulation Resistance ………100 Megohms min. @ 250 VDC Dielectric Strength …………300 VAC Life Expectancy ……………1,000 Cycles Operating Force ……………60-600 Grams GDS Low Profile Slide Actuator PC S LENGTH .024 (0.60) .047 (1.20) ON 18 .047 (1.20) .024 (0.60) .100 (2.54) .106 (2.70) .169 (4.30) .232 (5.90) .244 (6.20) .228 (5.80) .010 (0.25) .335 (8.50) .240 (6.10) MAX. .100 (2.54) .100 (2.54) TYP. .300 (7.60) DIM. M .325 (8.26) .060 (1.52) MIN. .409 (10.39) MIN. .004/.012 (0.10/0.30) .015 (0.40) .024–.004 (0.61)–(0.10) TYP. .047 (1.20) .106 (2.70) .047–.008 (1.20)–(0.20) TYP. .100 (2.54) TYP. .035–.008 (0.89) (–0.20) .232 (5.89) .228 (5.79) .366–.020 (9.30) (–0.51) M ¿.031 (0.80) TYP. S PC End to End Stackable! Part Number PC Model S Model Tape & Reel S Model No Tape Poles Length Dim. Tyco Alcoswitch Tyco Alcoswitch Tyco Alcoswitch Tyco Alcoswitch M Electronics Electronics Electronics Electronics 5-1437590-5 GDS02 5-1437590-7 GDS02S 5-1437590-8 GDS02STR 5-1437590-6 GDS02NTS 2 .194(4.94) .100(2.54) 5-1437590-9 GDS04 6-1437590-1 GDS04S 6-1437590-2 GDS04STR 6-1437590-0 GDS04NTS 4 .394(10.02) .300(7.62) 6-1437590-3 GDS06 6-1437590-5 GDS06S 6-1437590-6 GDS06STR 6-1437590-4 GDS06NTS 6 .594(15.10) .500(12.7) 6-1437590-7 GDS08 6-1437590-9 GDS08S 7-1437590-0 GDS08STR 6-1437590-8 GDS08NTS 8 .794(20.18) .700(17.78) 7-1437590-1 GDS10 7-1437590-2 GDS10S 7-1437590-3 GDS10STR — — 10 .994(25.26) .900(22.86) GDS08 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |