Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCINT9 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # PCINT9
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCINT9 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button PCINT9 Datasheet HTML 24Page - ATMEL Corporation PCINT9 Datasheet HTML 25Page - ATMEL Corporation PCINT9 Datasheet HTML 26Page - ATMEL Corporation PCINT9 Datasheet HTML 27Page - ATMEL Corporation PCINT9 Datasheet HTML 28Page - ATMEL Corporation PCINT9 Datasheet HTML 29Page - ATMEL Corporation PCINT9 Datasheet HTML 30Page - ATMEL Corporation PCINT9 Datasheet HTML 31Page - ATMEL Corporation PCINT9 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 294 page
background image
28
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
4.
System Clock and Clock Options
The Atmel
® AVR® provides a large number of clock sources. They can be divided into two cat-
egories: internal and external. Some external clock sources can be shared with the
asynchronous timer. After reset, the clock source is determined by the CKSEL Fuses. Once
the device is running, software clock switching is possible to any other clock sources.
Hardware controls are provided for clock switching management but some specific proce-
dures must be observed. Clock switching should be performed with caution as some settings
could result in the device having an incorrect configuration.
4.1
Clock Systems and their Distribution
Figure 4-1 presents the principal clock systems in the Atmel AVR and their distribution. All of
the clocks may not need to be active at any given time. In order to reduce power consumption,
the clocks to modules not being used can be halted by using different sleep modes or by using
features of the dynamic clock switch circuit (See “Power Management and Sleep Modes” on
page 46 and “Dynamic Clock Switch” on page 35). The clock systems are detailed below.
Figure 4-1.
Clock Distribution
Modules
clk
I/O
clk
ASY
AVR Clock
Control Unit
clk
CPU
clk
FLASH
Source Clock
Watchdog Timer
Watchdog
Oscillator
Reset Logic
Prescaler
Multiplexer
Watchdog Clock
Low-frequency
Crystal Oscillator
Crystal
Oscillator
External Clock
clk
ADC
Asynchronous
Timer/Counter0
General I/O
ADC
CPU Core
RAM
Flash and
EEPROM
Calibrated RC
Oscillator
PB5 / XTAL2 / CLKO
PB4 / XTAL1 / CLKI
CKOUT
Fuse
Clock Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com