| Electronic Components Datasheet Search |
|
ASTMB488 Datasheet(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ASTMB488 Datasheet(HTML) 2 Page - ITT Industries |
|
2 / 41 page ![]() MIL-DTL-24308G w/AMENDMENT 2 2 1.3 Classification. 1.3.1 Classes. Connectors covered by this specification are of the following classes. G - General purpose connectors, see 3.3.6.1 (see note). N - Nonmagnetic connectors, see 3.3.6.1 (see note). H - Hermetic connectors. M - Same as N except, these connectors are intended for space missions. D - Same as G except, these connectors are intended for space missions. K - Same as H except, these connectors are intended for space missions. 1.3.2 Style of termination. Connectors covered by this specification are of the following terminal styles: Crimp Solder Insulation displacement contact (IDC) Printed wiring board (PWB) 1.3.3 Types. Connectors covered by this specification are of the following types: I - Standard density (size 20 contacts). II - High density (size 22D contacts). III - Standard density (size 20 IDC contacts) 2. APPLICABLE DOCUMENTS 2.1 General. The documents listed in this section are specified in sections 3, 4, or 5 of this specification. This section does not include documents cited in other sections of this specification or recommended for additional information or as examples. While every effort has been made to ensure the completeness of this list, document users are cautioned that they must meet all specified requirements documents cited in sections 3, 4, or 5 of this specification, whether or not they are listed. 2.2 Government documents. 2.2.1 Specifications, standards, and handbooks. The following specifications, standards, and handbooks form a part of this document to the extent specified herein. Unless otherwise specified, the issues of these documents are those cited in the solicitation or contract. DEPARTMENT OF DEFENSE SPECIFICATIONS MIL-C-22520/2 - Crimping tools, Terminal, Hand, Wire Termination for wire barrel sizes 20 through 28 MIL-DTL-24308/23 - Connectors, Electric, Rectangular, Nonenvironmental, Miniature, Polarized Shell, Rack and Panel, Socket Contacts, Printed Wiring Board Termination Types MIL-DTL-24308/24 - Connectors, Electric, Rectangular, Nonenvironmental, Miniature, Polarized Shell, Rack and Panel, Pin Contacts, Printed Wiring Board Termination Types MIL-DTL-83488 - Coating, Aluminum, High Purity MIL-M-24519 - Molding Plastics, Electrical Thermoplastic |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |