Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDLA-3416 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-3416 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-3416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Optical Characteristics at 25°C[1]
VDD = 5.0 V at Full Brightness
High Efficiency Red HDLO-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
3.5
mcd
“*” Illuminated in All Four Digits.
per Digit, Character Average
19 Dots ON per Digit.
Peak Wavelength
PEAK
635
nm
Dominant Wavelength[2]
D
626
nm
Orange HDLA-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
3.5
mcd
“*” Illuminated in All Four Digits
per Digit, Character Average
19 Dots ON per Digit.
Peak Wavelength
PEAK
600
nm
Dominant Wavelength[2]
D
602
nm
Yellow HDLY-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
3.7
mcd
“*” Illuminated in All Four Digits
per Digit, Character Average
19 Dots ON per Digit.
Peak Wavelength
PEAK
583
nm
Dominant Wavelength[2]
D
585
nm
Green HDLG-3416
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity
IV
1.2
5.6
mcd
“*” Illuminated in All Four Digits
per Digit, Character Average
19 Dots ON per Digit.
Peak Wavelength
PEAK
568
nm
Dominant Wavelength[2]
D
574
nm
Notes:
1. Refers to the initial case temperature of the device immediately prior to the light measurement.
2. Dominant wavelength,
D, is derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com