Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE556 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SE556
Description  General-purpose dual bipolar timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SE556 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SE556 Datasheet HTML 5Page - STMicroelectronics SE556 Datasheet HTML 6Page - STMicroelectronics SE556 Datasheet HTML 7Page - STMicroelectronics SE556 Datasheet HTML 8Page - STMicroelectronics SE556 Datasheet HTML 9Page - STMicroelectronics SE556 Datasheet HTML 10Page - STMicroelectronics SE556 Datasheet HTML 11Page - STMicroelectronics SE556 Datasheet HTML 12Page - STMicroelectronics SE556 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NE556 - SA556 - SE556
Application information
9/16
Figure 14.
Tone burst generator
For a tone burst generator the first timer is used as a monostable and determines the tone
duration when triggered by a positive pulse at pin 6. The second timer is enabled by the high
output or the monostable. It is connected as an astable and determines the frequency of the
tone.
Figure 15.
Monostable operation
RA
RB
Output
Reset
Output
Control
f =
1.44
R + 2R ) C
B
A
Ground
Ground
0.01mF
C2
Control
Trigger
Threshold
1/2
NE556
SE556
+15V
Discharge
11
12
8
13
14
9
5
3
10
0.01mF
Ground
1/2
NE556
SE556
Trigger
Threshold
C1
Discharge
Trigger
Reset
Vcc
4
14
6
1
2
R t
T = 1.1 R .C1
t
Output
R
1/2
NE556
SE556
A
(10)
(8)
(11)
(12)
VCC
(13)
RL
RL
7
6
2
1
4
14
3
C
10nF
(9)
5
Trigger
T = 1.1 R .C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com