Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78L15CD Datasheet(PDF) 13 Page - STMicroelectronics

Part # L78L15CD
Description  Positive voltage regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L15CD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L78L15CD Datasheet HTML 9Page - STMicroelectronics L78L15CD Datasheet HTML 10Page - STMicroelectronics L78L15CD Datasheet HTML 11Page - STMicroelectronics L78L15CD Datasheet HTML 12Page - STMicroelectronics L78L15CD Datasheet HTML 13Page - STMicroelectronics L78L15CD Datasheet HTML 14Page - STMicroelectronics L78L15CD Datasheet HTML 15Page - STMicroelectronics L78L15CD Datasheet HTML 16Page - STMicroelectronics L78L15CD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
L78LxxAB, L78LxxAC, L78LxxC
Electrical characteristics
Doc ID 2145 Rev 21
13/33
TJ = 0 to 125 °C for L78L09AC, TJ = -40 to 125 °C for L78L09AB.
TJ = 0 to 125 °C for L78L10AC, TJ = -40 to 125 °C for L78L10AB.
Table 17.
Electrical characteristics of L78L09AB and L78L09AC (VI = 15 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
8.64
9
9.36
V
VO
Output voltage
IO = 1 to 40 mA, VI = 11.5 to 23 V
8.55
9.45
V
IO = 1 to 70 mA, VI = 15 V
8.55
9.45
ΔVO
Line regulation
VI = 11.5 to 23 V, TJ = 25 °C
225
mV
VI = 12 to 23 V, TJ = 25 °C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
80
mV
IO = 1 to 40 mA, TJ = 25 °C
40
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = 12 to 23 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
70
µV
SVR
Supply voltage rejection
VI = 12 to 23 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
37
44
dB
Vd
Dropout voltage
1.7
V
Table 18.
Electrical characteristics of L78L10AC (VI = 16 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
9.6
10
10.4
V
VO
Output voltage
IO = 1 to 40 mA, VI = 12.5 to 23 V
9.5
10.5
V
IO = 1 to 70 mA, VI = 16 V
9.5
10.5
ΔVO
Line regulation
VI = 12.5 to 23 V, TJ = 25 °C
230
mV
VI = 13 to 23 V, TJ = 25 °C
170
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
80
mV
IO = 1 to 40 mA, TJ = 25 °C
40
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = 13 to 23 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
60
µV
SVR
Supply voltage rejection
VI = 14 to 23 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
37
45
dB
Vd
Dropout voltage
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com