Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEOSOSO3B Datasheet(PDF) 2 Page - Tyco Electronics

Part # PEOSOSO3B
Description  Versatile Power Entry Module with Small Footprint
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PEOSOSO3B Datasheet(HTML) 2 Page - Tyco Electronics

  PEOSOSO3B Datasheet HTML 1Page - Tyco Electronics PEOSOSO3B Datasheet HTML 2Page - Tyco Electronics PEOSOSO3B Datasheet HTML 3Page - Tyco Electronics PEOSOSO3B Datasheet HTML 4Page - Tyco Electronics PEOSOSO3B Datasheet HTML 5Page - Tyco Electronics PEOSOSO3B Datasheet HTML 6Page - Tyco Electronics PEOSOSO3B Datasheet HTML 7Page - Tyco Electronics PEOSOSO3B Datasheet HTML 8Page - Tyco Electronics PEOSOSO3B Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P Series
Versatile Power Entry Module with Small Footprint (continued)
3
193
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Ordering Information
Part numbers are constructed by selecting the alphanumeric character which represents the desired feature.
Note: For any option where shown as “0” use the digit ZERO (0) not the letter (O).
P S J 0 XS S 60
Mounting Style
E = Mounting ears
(Horizontal axis)
S = Snap-in
M = Mounting ears
(Vertical axis)
Extender
Option
0 = None
C = FN260
J = J Series
L = L Series
Switch Option
0 = Blank
S = Double pole
single throw
(DPST)
Input Voltage Select
0 = Single voltage
S = Dual voltage
select (SMPS)
X = Dual voltage
select (series/parallel)
Fuse Options
D = Dual fuse
S = Single fuse
Filter Type
0 = No filter
B = Interconnection
block
H = Medical Filter
L = High Performance
Medical
4
S = General purpose
Z = High Performance
4
Shield Options
0 = No shield
A = Filter shield
B = Complete
Shield
C = Complete can
(for L & Z models)
Mounting
Style
Extender
Options
Switch
Options*
Voltage
Select
Fuse
Options
Filter
Type
Filter
Current
Shield
Options
Filter Current
0 = No filter
3 = 3A
6 = 6A
X = 10A
Notes:
1
L Series extender cannot be added to units
with a shield. No style of extender can be
added to units with B or C shields.
2
Dual voltage options are not available with
L or Z Filter Types
3
When using the interconnection block, the last
3 digits of the part number are BX (0, A, or B)
4
High performance versions (L or Z filter types)
are available with any switch or fuse option but
only in 6 or 10A with horizontal (PE) or
vertical (PM) mounting ears, single voltage (0),
complete shield (C) and no extenders
*
For alternative switch orientation options,
please contact technical support or your
Corcom product sales representative
The part number PS0SXSS6B would represent:
P Series (P) with a snap-in mount (S) with no extender (0) a switch (S) dual voltage select (X) single fusing (S)
general purpose filter (S) for 6A (6) with a B shield (B)
Extender for
J-Series or others
Optional filter
Optional switch
Fuse holder



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com