Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3Z-R61 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E3Z-R61
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R61 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E3Z-R61 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 12Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 13Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 14Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 15Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 16Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 17Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 18Page - Omron Electronics LLC E3Z-R61 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
E3Z
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Do not use the product in atmospheres or environments that exceed
product ratings.
● Wiring
M8 Metal Connector
• Be sure to connect or disconnect the metal connector after turning
OFF the Sensor.
• Hold the connector cover to connect or disconnect the metal
connector.
• Secure the connector cover by hand. Do not use any pliers,
otherwise the connector may be damaged.
• The proper tightening torque range is between 0.3 and 0.4 N·m. Be
sure to tighten the connector securely, otherwise the specified
degree of protection may not be maintained or the connector may
be disconnected due to vibration.
● Mounting
Sensor Mounting
Use M3 screws to mount the sensor and tighten each screw to a
maximum torque of 0.53 N·m.
● Oil-resistant Models
Oil Resistance
• Although the E3Z-@@@K Sensors have oil-resistant specifications,
performance may be affected by certain types of oil. Refer to the
following table.
• E3Z-@@@K Sensors are tested for resistance to the oils given in
the following table. Refer to the information in the table when
deciding which type of oil to use.
Note: 1. The E3Z maintained a minimum insulation resistance of 100 M
Ω after
it was dipped in all the above oils for 240 hours.
2. When using the Sensors in environments subject to oils other than
those listed above, use the figures for kinematic viscosity and pH from
the table as general guidelines. Additives and other substances
contained in oils may affect the E3Z. Be sure to consider this before
use.
WARNING
Precautions for Correct Use
E3Z-
@@@
E39-L104 Mounting Bracket
(sold separately)
Test oil clas-
sification
Product name
Kinematic
viscosity
(mm2/s)
at 40
°C
pH
Lubricant
Velocity No.3
2.02
---
Water insolu-
ble machining
oil
Yushiron Oil No.2 ac
Less than 10
Water soluble
machining oil
Yushiroken EC50T-3
---
7 to 9.5
Yushiron Lubic HWC68
7 to 9.9
Gryton 1700D
7 to 9.2
Yushironken S50N
7 to 9.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com