Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TACL226K035PTA Datasheet(PDF) 2 Page - AVX Corporation

Part # TACL226K035PTA
Description  Standard Microchip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACL226K035PTA Datasheet(HTML) 2 Page - AVX Corporation

  TACL226K035PTA Datasheet HTML 1Page - AVX Corporation TACL226K035PTA Datasheet HTML 2Page - AVX Corporation TACL226K035PTA Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JUNE 2013
I 19
Capacitance
Voltage Rating DC (VR) at 85°C
μF
Code
2.0V
3.0V
4.0V
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
K(M)
K*
L*
0.15
154
K(M)
K(M)
0.22
224
K(M)
K(M)
K(M)
L*
0.33
334
K(M)
K(M)
0.47
474
K(M)/L
L
0.68
684
K(M)/L
L
1.0
105
K/L
K/L
L
R
A*
1.5
155
L
L
L
2.2
225
K(M)/L
L
K(M)/L
L
L
3.3
335
K(M)/L
K(M)/L
L
L
L/R
R*
R(M)
4.7
475
K(M)/L
K(M)/L
L
L
L/R
R(M)
A*
6.8
685
K(M)/L
L
L
L/R
L/R
10
106
K(M)/L
L
L/R
L(M)/R
L/R
R
15
156
R
L(M)/R
L(M)/R
R
22
226
R
L(M)/R
L(M)/R
R
R
33
336
R
R
R
R
A(M)/B*/R(M)
47
476
R
R
R
A/R(M)
B
68
686
R(M)
R(M)
A(M)
A(M)*
100
107
A(M)/R(M)
A(M)/R(M)
A(M)
150
157
A(M)
220
227
STANDARD COMMERCIAL RANGE (EIA SIZES) (LETTER DENOTES CASE SIZE)
TACmicrochip
®
Standard Microchip
ESR limits quoted in brackets (Ohms)
Released codes
(M tolerance only)
Engineering samples - please contact manufacturer
*Codes under development - subject to change.
Standard Height Profile: A, B, K, L, R Case
Low Profile: H, J, T, U, V Case
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com