Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8314ECVRAGDA Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8314ECVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8314ECVRAGDA Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8314ECVRAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8314ECVRAGDA Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
MPC8314E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
13
Clock Input Timing
This table shows the estimated typical I/O power dissipation for this family of devices.
5
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the MPC8314E.
Table 5. MPC8314E Power Dissipation
Interface
Frequency
GVDD
(1.8 V)
GVDD
(2.5 V)
NVDD
(3.3 V)
LVDD1_OFF/
LVDD2_ON
(3.3V)
LVDD2
_ON
(3.3V)
VDD33PLL,
VDD33ANA
(3.3V)
SATA_VDD,
VDD1IO,
VDD1ANA
(1.0V)
XCOREVDD,
XPADVDD,
SDAVDD
(1.0V)
Unit
DDR 1
Rs = 22
Rt = 50
266MHz,
32 bits
—0.323
W
200MHz,
32 bits
—0.291
W
DDR 2
Rs = 22
Rt = 75
266MHz,
32 bits
0.246
W
200MHz,
32bits
0.225
W
PCI I/O
load = 50pF
33 MHz
0.120
W
66 MHz
0.249
W
Local bus I/O
load = 20pF
66 MHz
———
0.056
W
50 MHz
———
0.040
W
eTSEC I/O
load = 20pF
Multiple by
number of
interface
used
MII, 25MHz
0.008
W
RGMII,
125MHz
(3.3V)
0.078
W
RGMII,
125MHz
(2.5V)
0.044
W
USBDR
Controller
(ULPI mode)
load =20pF
60 MHz
0.078
W
USBDR+
Internal PHY
(UTMI mode)
480 MHz
0.274
W
PCI Express
two x1lane
2.5 GHz
0.190
W
Other I/O
0.015
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com