Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3Z-R66 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3Z-R66
Description  Compact Photoelectric Sensor with Built-in Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R66 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3Z-R66 Datasheet HTML 1Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R66 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
E3Z
Ordering Information
Sensors [Refer to Dimensions on page 16.]
*1. The Reflector is sold separately. Select the Reflector model most suited to the application.
*2. The sensing distance specified is possible when the E39-R1S is used. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*3. Through-beam Sensors are normally sold in sets that include both the Emitter and Receiver.
Orders for individual Emitters and Receivers are accepted. (Modifications are required for some models. Ask your OMRON representative for details.)
*4. Models with emission stop function. Refer to page 8, Photoelectric Sensors Technical Guide for details.
Sensing method
Appearance
Connection method
Sensing distance
Model
NPN output
PNP output
Through-beam
(Emitter + Receiver)
*3
Pre-wired (2 m)
E3Z-T61 2M
E3Z-T81 2M
Emitter
E3Z-T61-L 2M
Receiver E3Z-T61-D 2M
Emitter
E3Z-T81-L 2M
Receiver E3Z-T81-D 2M
Standard M8 connector
E3Z-T66
E3Z-T86
Emitter
E3Z-T66-L
Receiver E3Z-T66-D
Emitter
E3Z-T86-L
Receiver E3Z-T86-D
Pre-wired (2 m)
E3Z-T61A 2M
E3Z-T81A 2M
Emitter
E3Z-T61-A-L 2M
Receiver E3Z-T61-A-D 2M
Emitter
E3Z-T81-A-L 2M
Receiver E3Z-T81-A-D 2M
Standard M8 connector
E3Z-T66A
E3Z-T86A
Emitter
E3Z-T66-A-L
Receiver E3Z-T66-A-D
Emitter
E3Z-T86-A-L
Receiver E3Z-T86-A-D
Pre-wired (2 m)
E3Z-T62 2M
E3Z-T82 2M
Emitter
E3Z-T62-L 2M
Receiver E3Z-T62-D 2M
Emitter
E3Z-T82-L 2M
Receiver E3Z-T82-D 2M
Standard M8 connector
E3Z-T67
E3Z-T87
Emitter
E3Z-T67-L
Receiver E3Z-T67-D
Emitter
E3Z-T87-L
Receiver E3Z-T87-D
Emission stop
function
Pre-wired (2 m)
E3Z-T62-G0 2M *4
E3Z-T82-G0 2M *4
Emitter
E3Z-T62-G0-L 2M
Receiver E3Z-T62-G0-D 2M
Emitter
E3Z-T82-G0-L 2M
Receiver E3Z-T82-G0-D 2M
Standard M8 connector
E3Z-T67-G0 *4
E3Z-T87-G0 *4
Emitter
E3Z-T67-G0-L
Receiver E3Z-T67-G0-D
Emitter
E3Z-T87-G0-L
Receiver E3Z-T87-G0-D
Retro-reflective with
MSR function
*1
Pre-wired (2 m)
E3Z-R61 2M
E3Z-R81 2M
Standard M8 connector
E3Z-R66
E3Z-R86
Diffuse-reflective
Pre-wired (2 m)
E3Z-D61 2M
E3Z-D81 2M
Standard M8 connector
E3Z-D66
E3Z-D86
Pre-wired (2 m)
E3Z-D62 2M
E3Z-D82 2M
Standard M8 connector
E3Z-D67
E3Z-D87
Pre-wired (2 m)
E3Z-L61 2M
E3Z-L81 2M
Standard M8 connector
E3Z-L66
E3Z-L86
Distance-settable
Refer to E3Z-LS.
Pre-wired (2 m)
E3Z-LS61 2M
E3Z-LS81 2M
Standard M8 Connector
E3Z-LS66
E3Z-LS86
Pre-wired (2 m)
E3Z-LS63 2M
E3Z-LS83 2M
Standard M8 connector
E3Z-LS68
E3Z-LS88
Slit-type Through-
beam
Refer to E3Z-G.
1 axis
Pre-wired (2 m)
E3Z-G61 2M
E3Z-G81 2M
2 axes
E3Z-G62 2M
E3Z-G82 2M
1 axis
Pre-wired M8 connector
E3Z-G61-M3J
E3Z-G81-M3J
2 axes
E3Z-G62-M3J
E3Z-G82-M3J
Limited-reflective for
transparent glasses
Pre-wired (2 m)
E3Z-L63 2M
E3Z-L83 2M
Standard M8 connector
E3Z-L68
E3Z-J88
Retro-reflective with-
out MSR function for
clear, plastic bottles
Pre-wired (2 m)
*2
E3Z-B61 2M
E3Z-B81 2M
Standard M8 connector
E3Z-B66
E3Z-B86
Pre-wired (2 m)
*2
E3Z-B62 2M
E3Z-B82 2M
Standard M8 connector
E3Z-B67
E3Z-B87
Red light
Infrared light
15 m
10 m
30m
4 m
(100 mm)
*2
5 to 100 mm
(wide view)
1 m
90
±30 mm
(narrow beam)
20 to 40 mm (BGS min setting)
20 to 200 mm (BGS max setting)
40 min. Incident threshold (FGS min setting)
200 min. Incident threshold (FGS max setting)
2 to 20 mm (BGS min setting)
2 to 80 mm (BGS max setting)
25 mm
30±20 mm
*1
500 mm (80 mm)
2 m (500 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com