Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-R2E41 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-R2E41
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2E41 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-R2E41 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2E41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
E3S
2
Ratings and Specifications
* The ambient operating illumination is the illumination that changes the output ±20% at 200 lx. It is not the operational limit.
Sensing method
Through-beam
Retro-re-
flective
Diffuse-reflective
Convergent-reflective
Item
Model
E3S-2E4
E3S-2E41
E3S-5E4
E3S-5E41
(42)
E3S-R2E4
E3S-
R2E41
E3S-
DS10E4
E3S-
DS10E41
E3S-
DS30E41
(42)
E3S-
DS30E4S
E3S-
LS10XE4
E3S-
LS20XE4
Sensing distance
2 m
5 m
0.1 to 2 m
100 mm
(white paper
50 x 50 mm)
300 mm
(white paper 100 x 100)
30 to 100 mm
Continuously
variable
(10 x 10 mm)
50 to 250 mm
Continuously
variable
(50 x 75 mm)
Standard sensing
object
Opaque: 7-
mm dia. min.
Opaque: 11-
mm dia. min.
Opaque: 30-
mm dia. min.
Transparent, opaque
Differential travel
---
20% max. of setting distance
0.5 mm max.
at 30 mm
5% max. at 50
to 250 mm
3 mm max. at
100 mm
Directional angle
Both emitter and receiver:
3
° to 10°
3
° to 10°
---
Light source
(wavelength)
Infrared LED
(950 nm)
RED LED
(660 nm)
Infrared LED
(950 nm)
Power supply
voltage
12 to 24 VDC
±10%, ripple (p-p): 10% max.
Current
consumption
50 mA max.
(Emitter: 25 mA max.,
Receiver: 25 mA max.)
40 mA max.
Control output
(solid-state out-
put)
Output current: 1.5 to 4 mA, Load current: 80 mA max. (residual voltage: 2 V max.)
Refer to page 4.
Response time
Operate or reset: 3 ms max. Operate or reset: 1 ms max.
Sensitivity
adjustment
With an indicator
Ambient
illumination
(Receiver side) *
Incandescent lamp: 3,000 lx max.
Sunlight: 10,000 lx max.
Ambient
temperature
Operating:
−25 to 55°C, Storage: −40 to 70°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation
resistance
20 M
Ω min. at 500 VDC
Dielectric strength 1,000 VAC, 50/60 Hz for 1 min
Vibration
resistance
(destruction)
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
(destruction)
500 m/s2 3 times each in X, Y, and Z directions
Degree of
protection
IEC IP65
IEC IP67
IEC IP65
IEC IP67
Connection
method
Pre-wired cable (standard length: 2 m)
Indicators
Light indicator (red), Stability indicator (green)
Material
Case
Polybuty-
lene tereph-
thalate
Zinc die-cast
Polybuty-
lene tereph-
thalate
Zinc die-cast
Lens *
Polycarbonate
Mount-
ing
Bracket
Iron



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com