Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1616-FSZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS1616-FSZ
Description  Single Stage Dimmable Offline AC/DC Controller for LED Lamps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS1616-FSZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS1616-FSZ Datasheet HTML 1Page - Cirrus Logic CS1616-FSZ Datasheet HTML 2Page - Cirrus Logic CS1616-FSZ Datasheet HTML 3Page - Cirrus Logic CS1616-FSZ Datasheet HTML 4Page - Cirrus Logic CS1616-FSZ Datasheet HTML 5Page - Cirrus Logic CS1616-FSZ Datasheet HTML 6Page - Cirrus Logic CS1616-FSZ Datasheet HTML 7Page - Cirrus Logic CS1616-FSZ Datasheet HTML 8Page - Cirrus Logic CS1616-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CS1615/16
2
DS961F1
1. INTRODUCTION
Figure 1. CS1615/16 Block Diagram
A typical schematic using the CS1615/16 IC is shown on the
previous page.
Startup current is provided from a patent-pending, external, high-
voltage source-follower network. In addition to providing startup
current, this unique topology is integral in providing compatibility
with digital dimmers by ensuring VDD power is always available
to the IC. During normal operation, an auxiliary winding on the
flyback transformer or buck-boost inductor back-biases the
source-follower circuit and provides steady-state operating
current to the IC to improve system efficiency.
Rectified input voltage Vrect is sensed as a current into pin IAC
and is used to control the adaptive dimmer-compatibility
algorithm and to extract the phase of the input voltage for output
dimming control. The SOURCE pin is used to provide a control
signal for the high-voltage source-follower circuit during Leading-
edge Mode and Trailing-edge Mode; it also provides the current
during startup.
The digital dual-mode controller is implemented with peak-
current mode primary-side regulation, which eliminates the need
for additional components to provide feedback from the
secondary and reduces system cost and complexity. Voltage
across a user-selected resistor is sensed through pin FBSENSE
to control the peak current of the primary-side inductor. Leading-
edge and trailing-edge blanking on pin FBSENSE prevents false
triggering. The required target LED current and average flyback
transformer and buck-boost inductor input current are set by
attaching resistors RCTRL1 and RCTRL2 on pins CTRL1 and
CTRL2, respectively. The controller ensures half line-cycle
averaged constant output current.
Pin FBAUX is used for zero-current detection to ensure
quasi-resonant switching of the single stage output. When an
external negative temperature coefficient (NTC) thermistor is
connected to pin eOTP, the CS1615/16 monitors the system
temperature, allowing the controller to reduce the output current
of the system. If the temperature reaches a designated high set
point, the IC is shut down and stops switching.
2
IAC
SOURCE 5
SGND
15k
ADC
Iref
11
FBSENSE
+
-
DAC
+
-
Peak
Control
12
GND
OLP
+
-
OCP
Blank
3
CLAMP
VOCP(th)
VOLP(th )
VPk_Max (th )
ICLAMP
+
-
VSOURCE(th)
MUX
9
+
-
ICONNECT
V
CONNE CT(th)
10
CTRL2
8
CTRL1
eOTP
FBAUX
16
+
-
Zero-current
Detect
+
-
Output
Overvoltage
VZCD(th)
VOVP(th )
tVAUX
14
VDD
+
-
VDD(on)
VDD(off)
Voltage
Regulator
V
Z
POR
13
GD
VDD
VDD
VDD
4
+
-
V
FS TA RT(th )
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com