Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6F12AVCL Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA6F12AVCL
Description  High junction temperature Transil?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6F12AVCL Datasheet(HTML) 5 Page - STMicroelectronics

  SMA6F12AVCL Datasheet HTML 1Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 2Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 3Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 4Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 5Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 6Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 7Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 8Page - STMicroelectronics SMA6F12AVCL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SMA6F
Characteristics
Doc ID 14996 Rev 2
5/9
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead
Figure 9.
Leakage current versus junction
temperature (typical values)
I
(A)
FM
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
T
j =25 °C
T
j =125 °C
V
(V)
FM
Zth(j-a)/Rth(j-a)
0.00
0.01
0.10
1.00
1.0E-03
1.0E-021.0E-011.0E+00
1.0E+011.0E+021.0E+03
On recommended pad layout.
Printed circuit board, FR4
copper thickness = 35 µm
copper surface = 1 cm²
t (S)
p
Rth(j-a)(°C/W)
0
20
40
60
80
100
120
140
160
180
200
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
S
(cm )
CU
2
Printed circuit board, FR4
copper thickness = 35 µm
I (nA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
V
R=VRM
V
BR=11.7V
V
BR>11.7V
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com