Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM833N Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM833N
Description  Low noise dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833N Datasheet(HTML) 5 Page - STMicroelectronics

  LM833N Datasheet HTML 1Page - STMicroelectronics LM833N Datasheet HTML 2Page - STMicroelectronics LM833N Datasheet HTML 3Page - STMicroelectronics LM833N Datasheet HTML 4Page - STMicroelectronics LM833N Datasheet HTML 5Page - STMicroelectronics LM833N Datasheet HTML 6Page - STMicroelectronics LM833N Datasheet HTML 7Page - STMicroelectronics LM833N Datasheet HTML 8Page - STMicroelectronics LM833N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM833
Electrical characteristics
Doc ID 2169 Rev 3
5/12
Figure 2.
Total supply current vs. supply
voltage
Figure 3.
Output voltage vs. supply voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
Supply Voltage (V)
-15
-10
-5
0
5
10
15
0
5
10
15
Supply Voltage (V)
Vid = ±1V
RL = 600Ω
Figure 4.
Equivalent input noise voltage vs.
frequency
Figure 5.
Output short circuit current vs.
output voltage
VCC = ±15V, G = 100
Rs = 100, Tamb = 25°C
-40
-30
-20
-10
0
10
20
30
40
50
010
20
30
Output Voltage (V)
VCC = 0/30V
Tamb = 25°C
Figure 6.
Output voltage vs. supply voltage
Figure 7.
THD+ noise vs. frequency
-15
-10
-5
0
5
10
15
0
5
10
15
Supply Voltage (V)
Vid = ±1V
RL = 2kΩ
0.001
0.01
0.1
1
0.01
0.1
1
10
100
Frequency (kHz)
RL = 2kΩ, Vo = 3Vrms
VCC = ±15V, Av = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com