Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985ITP-2.7/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2985ITP-2.7/NOPB
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985ITP-2.7/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2985ITP-2.7/NOPB Datasheet HTML 9Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 10Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP2985ITP-2.7/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VIN
VOUT
PNP
GND
SCHOTTKY DIODE
VIN
VOUT
PNP
GND
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the LP2985-N has an inherent diode connected between
the regulator output and input. During normal operation (where the input voltage is higher than the output) this
diode is reverse-biased).
Figure 37. Reverse Current Path
However, if the output is pulled above the input, this diode will turn ON and current will flow into the regulator
output. In such cases, a parasitic SCR can latch which will allow a high current to flow into VIN (and out the
ground pin), which can damage the part.
In any application where the output may be pulled above the input, an external Schottky diode must be
connected from VIN to VOUT (cathode on VIN, anode on VOUT), to limit the reverse voltage across the LP2985-N to
0.3V (see ABSOLUTE MAXIMUM RATINGS).
Figure 38. Reverse Current Protection
DSBGA MOUNTING
The DSBGA package requires specific mounting techniques which are detailed in Texas Instruments Application
Note 1112 (SNVA009). Referring to the section Surface Mount Technology (SMT) Assembly Considerations,
it should be noted that the pad style which must be used with the 5-pin package is the NSMD (non-solder mask
defined) type.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
DSBGA LIGHT SENSITIVITY
Exposing the DSBGA device to direct sunlight will cause misoperation of the device. Light sources such as
Halogen lamps can also affect electrical performance if brought near to the device.
The wavelenghts which have the most detrimental effect are reds and infra-reds, which means that the
fluorescent lighting used inside most buildings has very little effect on performance. A DSBGA test board was
brought to within 1 cm of a fluorescent desk lamp and the effect on the regulated output voltage was negligible,
showing a deviation of less than 0.1% from nominal.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com