Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD737JRZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD737JRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737JRZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD737JRZ-R7 Datasheet HTML 14Page - Analog Devices AD737JRZ-R7 Datasheet HTML 15Page - Analog Devices AD737JRZ-R7 Datasheet HTML 16Page - Analog Devices AD737JRZ-R7 Datasheet HTML 17Page - Analog Devices AD737JRZ-R7 Datasheet HTML 18Page - Analog Devices AD737JRZ-R7 Datasheet HTML 19Page - Analog Devices AD737JRZ-R7 Datasheet HTML 20Page - Analog Devices AD737JRZ-R7 Datasheet HTML 21Page - Analog Devices AD737JRZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD737
Data Sheet
Rev. I | Page 18 of 24
AD737 EVALUATION BOARD
An evaluation board, AD737-EVALZ, is available for experi-
ments or for becoming familiar with rms-to-dc converters.
Figure 32 is a photograph of the board; Figure 34 to Figure 37
show the signal and power plane copper patterns. The board
is designed for multipurpose applications and can be used for
the AD736 as well. Although not shipped with the board, an
optional socket that accepts the 8­lead surface-mount package
is available from Enplas Corp.
Figure 32. AD737 Evaluation Board
Figure 33. AD737 Evaluation Board—Component-Side Silkscreen
As described in the Applications Information section, the AD737
can be connected in a variety of ways. As shipped, the board is
configured for dual supplies with the high impedance input
connected and the power-down feature disabled. Jumpers are
provided for connecting the input to the low impedance input
(Pin 1) and for dc connections to either input. The schematic
with movable jumpers is shown in Figure 38. The jumper positions
in black are default connections; the dotted-outline jumpers are
optional connections. The board is tested prior to shipment and
requires only a power supply connection and a precision meter to
perform measurements.
Figure 34. AD737 Evaluation Board—Component-Side Copper
Figure 35. AD737 Evaluation Board—Secondary-Side Copper
Figure 36. AD737 Evaluation Board—Internal Power Plane
Figure 37. AD737 Evaluation Board—Internal Ground Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com