Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM201A Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM201A
Description  SINGLE OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM201A Datasheet(HTML) 4 Page - STMicroelectronics

  LM201A Datasheet HTML 1Page - STMicroelectronics LM201A Datasheet HTML 2Page - STMicroelectronics LM201A Datasheet HTML 3Page - STMicroelectronics LM201A Datasheet HTML 4Page - STMicroelectronics LM201A Datasheet HTML 5Page - STMicroelectronics LM201A Datasheet HTML 6Page - STMicroelectronics LM201A Datasheet HTML 7Page - STMicroelectronics LM201A Datasheet HTML 8Page - STMicroelectronics LM201A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM101A - LM201A - LM301A
4/11
tr
Rise (Vi = ±20mV, RL = 2kΩ,CL = 100pF, unity
gain)
0.3
0.3
µs
KOV
Overshoot (Vi = 20mV, RL = 2kΩ,CL = 100pF,
unity gain)
55
%
Zi
Input Impedance *
1.5
4
1.5
4
M
Ω
GBP
Gain Bandwidth Product *
(Vi = 10mV, RL = 2kΩ,CL = 100pF, f = 100KHz)
0.5
1
0.5
1
MHz
THD
Total Harmonic Distortion
(f = 1kHz, Av = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF)
0.015
0.015
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100Ω
25
25
1. May be improved up to 10V/µs in inverting amplifier configuration
* ==> VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
LM101A - LM201A
LM301A
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com