Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS391ILT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS391ILT
Description  Low-power single voltage comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS391ILT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS391ILT Datasheet HTML 4Page - STMicroelectronics TS391ILT Datasheet HTML 5Page - STMicroelectronics TS391ILT Datasheet HTML 6Page - STMicroelectronics TS391ILT Datasheet HTML 7Page - STMicroelectronics TS391ILT Datasheet HTML 8Page - STMicroelectronics TS391ILT Datasheet HTML 9Page - STMicroelectronics TS391ILT Datasheet HTML 10Page - STMicroelectronics TS391ILT Datasheet HTML 11Page - STMicroelectronics TS391ILT Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering information
TS391
10/12
Doc ID 6324 Rev 6
5
Ordering information
Table 6.
Order codes
Part number
Temperature range
Package
Packaging
Marking
TS391ILT
-40°C, +125°C
SOT23-5L
Tape & reel
K511
TS391IYLT (1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q002 or equivalent.
SOT23-5L
(Automotive grade)
K510
TS391RILT
SOT23-5L
K509
TS391IQ2T
DFN8 2x2
K5D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com