Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALPHA-RX433S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX433S
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX433S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ALPHA-RX433S Datasheet HTML 1Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 2Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 3Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 4Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 5Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 6Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX433S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 1
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
FM Transmitter & Receiver Modules
Available as 433 or 915MHz
Transmit Range up to 300m
Miniature SMT Packages
Data Rate up to 256Kbps
Programmable Output Power
2.2 – 5.4Vdc Operating Voltage
Standby Current <300nA
Programmable Freq Deviation
SPI Interface (for Config)
Clock and Reset Signal for External MCU
Wakeup Timer
Automatic Antenna Tuning
Differential Antenna Output
Low Battery Detection
EMC Compliant , FCC Compliant
Operates from -45 to +85
oC
Transmitter
3-12 Supply Voltage
Programmable Output Power
Receiver
Standby current < 0.3uA
Wake up timer function
PLL Design
Analog and Digital Signal Strength indicator
Programmable receive bandwidth (67 to 400KHz)
Introduction
The Alpha Modules are extremely cost effective but high
performance radio modules. Supplied in a miniature Surface mount package these modules can
Transmit/Receive at upto 115Kbps at upto 300m range.
Operating at 2-5V, both transmitter and receiver monitor their battery voltage and can sleep with very low
standby current. The modules can wake intermittently and provide direct control outputs to a
microcontroller, ideally suited to battery applications. (Especially receivers!)
These Modules will suit one to one multi-node wireless links in applications including car and building
security, POS and inventory tracking, remote process monitoring.
Part Numbers
Part Number
Description
ALPHA-TX433S
FM Transmitter Module, 433MHz
ALPHA-RX433S
FM Receiver Module, 433MHz
ALPHA-TX915S
FM Transmitter Module, 915MHz
ALPHA-RX915S
FM Receiver Module, 915MHz
Applications
Wireless Security Systems
Car Alarms
Remote Gate Controls
Remote Sensing
Data Capture
Sensor Reporting


Similar Part No. - ALPHA-RX433S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ALPHA-7 ETC2-ALPHA-7 Datasheet
331Kb / 3P
High grade mounting adhesive
ALPHA-8 ETC2-ALPHA-8 Datasheet
292Kb / 2P
Various cable and connector options
logo
rfsolutions.ltd
ALPHA-TRX433S RFSOLUTIONS-ALPHA-TRX433S Datasheet
654Kb / 14P
The Alpha Modules are extremely cost effective but high performance radio modules.
ALPHA-TRX915S RFSOLUTIONS-ALPHA-TRX915S Datasheet
654Kb / 14P
The Alpha Modules are extremely cost effective but high performance radio modules.
More results

Similar Description - ALPHA-RX433S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-808H ETC1-C-808H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
C-508H ETC1-C-508H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
logo
Panasonic Semiconductor
PAN1325A PANASONIC-PAN1325A Datasheet
848Kb / 2P
BLUETOOTH짰 RF MODULES
logo
rfsolutions.ltd
ALPHA-TRX433S RFSOLUTIONS-ALPHA-TRX433S Datasheet
654Kb / 14P
The Alpha Modules are extremely cost effective but high performance radio modules.
RF803-ALPHA RFSOLUTIONS-RF803-ALPHA Datasheet
876Kb / 16P
EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
logo
Alpha Wire
78012 ALPHAWIRE-78012 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78033 ALPHAWIRE-78033 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78040 ALPHAWIRE-78040 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78105 ALPHAWIRE-78105 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com