Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDE504PI Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDE504PI
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDE504PI Datasheet(HTML) 1 Page - IXYS Corporation

  IXDE504PI Datasheet HTML 1Page - IXYS Corporation IXDE504PI Datasheet HTML 2Page - IXYS Corporation IXDE504PI Datasheet HTML 3Page - IXYS Corporation IXDE504PI Datasheet HTML 4Page - IXYS Corporation IXDE504PI Datasheet HTML 5Page - IXYS Corporation IXDE504PI Datasheet HTML 6Page - IXYS Corporation IXDE504PI Datasheet HTML 7Page - IXYS Corporation IXDE504PI Datasheet HTML 8Page - IXYS Corporation IXDE504PI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
First Release
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected up to 4 Amps
• High 4A Peak Output Current
• Wide Operating Range: 4.5V to 30V
• -55°C to +125°C Extended Operating
Temperature
• Ability to Disable Output under Faults
• High Capacitive Load
Drive Capability: 1800pF in <15ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
• Two Drivers in a Single Package
Applications
• Limiting di/dt under Short Circuit
• Driving MOSFETs and IGBTs
• Motor Controls
• Line Drivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• Pulse Transformer Driver
• Class D Switching Amplifiers
• Power Charge Pumps
General Description
The IXDD504 and IXDE504 each consist of two 4-Amp
CMOS high speed MOSFET gate drivers for driving the
latest IXYS MOSFETs & IGBTs. Each of the dual outputs
can source and sink 4 Amps of peak current while produc-
ing voltage rise and fall times of less than 15ns. The input
of each driver is TTL or CMOS compatible and is virtually
immune to latch up. Patented* design innovations eliminate
cross conduction and current "shoot-through". Improved
speed and drive capabilities are further enhanced by fast,
matched rise and fall times.
Additionally, each IXDD504 or IXDE504 driver incorporates a
unique ability to disable the output under fault conditions.
When a logical low is forced into the Enable input of a
driver, both of it's final output stage MOSFETs (NMOS and
PMOS) are turned off. As a result, the respective output of
the IXDD504 enters a tristate mode and, with additional
cicuitry, achieves a soft turn-off of the MOSFET/IGBT when
a short circuit is detected. This helps prevent damage that
could occur to the MOSFET/IGBT if it were to be switched
off abruptly due to a dv/dt over-voltage transient.
The IXDD504 and IXDE504 are each available in the 8-Pin
P-DIP (PI) package, the 8-Pin SOIC (SIA) package, and the
8-Lead DFN (D2) package, (which occupies less than 65%
of the board area of the 8-Pin SOIC).
*United States Patent 6,917,227
Ordering Information
Part Number
Description
Package
Type
Packing Style
Pack
Qty
Configuration
IXDD504PI
4A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDD504SIA
4A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDD504SIAT/R
4A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDD504D2
4A Low Side Gate Driver I.C.
8-Lead DFN
2” x 2” Waffle Pack
56
IXDD504D2T/R
4A Low Side Gate Driver I.C.
8-Lead DFN
13” Tape and Reel
2500
Dual Non-
Inverting
Drivers with
Enable
IXDE504PI
4A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDE504SIA
4A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDE504SIAT/R
4A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDE504D2
4A Low Side Gate Driver I.C.
8-Lead DFN
2” x 2” Waffle Pack
56
IXDE504D2T/R
4A Low Side Gate Driver I.C.
8-Lead DFN
13” Tape and Reel
2500
Dual Inverting
Drivers
Inverting with
Enable
DS99568A(10/07)
NOTE: All parts are lead-free and RoHS Compliant
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDD504/ IXDE504
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
with Enable for fast, controlled shutdown


Similar Part No. - IXDE504PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDE509D1 IXYS-IXDE509D1 Datasheet
407Kb / 10P
9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509D1TR IXYS-IXDE509D1TR Datasheet
407Kb / 10P
9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509PI IXYS-IXDE509PI Datasheet
407Kb / 10P
9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509SIA IXYS-IXDE509SIA Datasheet
407Kb / 10P
9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDE509SIATR IXYS-IXDE509SIATR Datasheet
407Kb / 10P
9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
More results

Similar Description - IXDE504PI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI404 IXYS-IXDI404 Datasheet
246Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN504SIA IXYS-IXDN504SIA Datasheet
415Kb / 10P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDD509 IXYS-IXDD509 Datasheet
407Kb / 10P
9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD514 IXYS-IXDD514 Datasheet
469Kb / 13P
14 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF504 IXYS-IXDF504 Datasheet
415Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com