Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC1502 Datasheet(PDF) 4 Page - First Components International

Part # KBPC1502
Description  15Amps Single Phase Silicon Bridge Mounting Position: Any
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC1502 Datasheet(HTML) 4 Page - First Components International

  KBPC1502 Datasheet HTML 1Page - First Components International KBPC1502 Datasheet HTML 2Page - First Components International KBPC1502 Datasheet HTML 3Page - First Components International KBPC1502 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
FCI’S KBPC Series of Bridges Can Be Ordered with Options on Terminals and Case Materials.
How To Specify Case Material and Terminal Options:
n For Metal Case, Order Suffix (1) “M”
n For Plastic Case, Order Suffix (1) “P”
n For Faston Terminals, Order Suffix (2) “F”
n For Wire Lead Terminals, Order Suffix (2) “W”
KBPC Series Examples
To Order a 25 Amp, 400 Volt Bridge with Faston Leads and a Plastic Case:
Specify - KBPC2504PF . . . Where “P” = Plastic and “F” = Faston Terminals
Case - Metal or Molded Plastic
Terminals - Plated .25" Faston or Plated Copper Wire
Leads .040" Diameter
Weight - 0.706 Ounces, 20 Grams
Mounting Position - Any with Bolt Down with Silicone
Thermal Compound Between Bridge and
Mounting Surface for Optimum Heat
Transfer
Mounting Torque - 20 Inch Pound Max
To Order a 35 Amp, 800 Volt Bridge with Wire Leads and a Metal Case:
Specify - KBPC3508MW . . . Where “M” = Metal and “W” = Wire Leads (Terminals)
To Order a 15 Amp, 200 Volt, UL Recognized Bridge with Wire Leads and a Plastic Case:
Specify - KBPC1502PWU . . . Where “P” = Plastic and “W” = Wire Leads (Terminals) and “U” = UL Recognized
NOTE: Fast Recovery Bridges (Diodes) Are Available; Please Contact FCI Components.
KBPC - “S” Series Examples
To Order Bridges with the “In-Line” Pin Configuration, Select the Current and Voltage Desired and Add “S” as the Suffix, as
shown in the following example.
To Order a 35 Amp, 800 Volt Bridge with In-Line Wire Leads:
Specify - KBPC3508S . . . Where “S” = In-Line Wire Lead Terminals
DC Out
AC In
1
5Amps
Single Phase Silicon Bridge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com