Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPAKMC331MFC16 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # SPAKMC331MFC16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC331MFC16 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button SPAKMC331MFC16 Datasheet HTML 12Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 13Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 14Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 15Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 16Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 17Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 18Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 19Page - Freescale Semiconductor, Inc SPAKMC331MFC16 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
16
MC68331TS/D
Y = M111, where M is the logic state of the module mapping (MM) bit in the SIMCR.
3.2 System Configuration and Protection
This functional block provides configuration control for the entire MCU. It also performs interrupt arbi-
tration, bus monitoring, and system test functions. MCU system protection includes a bus monitor, a
HALT monitor, a spurious interrupt monitor, and a software watchdog timer. These functions have been
made integral to the microcontroller to reduce the number of external components in a complete control
system.
S
$YFFA5E
CHIP-SELECT OPTION 4 (CSOR4)
S
$YFFA60
CHIP-SELECT BASE 5 (CSBAR5)
S
$YFFA62
CHIP-SELECT OPTION 5 (CSOR5)
S
$YFFA64
CHIP-SELECT BASE 6 (CSBAR6)
S
$YFFA66
CHIP-SELECT OPTION 6 (CSOR6)
S
$YFFA68
CHIP-SELECT BASE 7 (CSBAR7)
S
$YFFA6A
CHIP-SELECT OPTION 7 (CSOR7)
S
$YFFA6C
CHIP-SELECT BASE 8 (CSBAR8)
S
$YFFA6E
CHIP-SELECT OPTION 8 (CSOR8)
S
$YFFA70
CHIP-SELECT BASE 9 (CSBAR9)
S
$YFFA72
CHIP-SELECT OPTION 9 (CSOR9)
S
$YFFA74
CHIP-SELECT BASE 10 (CSBAR10)
S
$YFFA76
CHIP-SELECT OPTION 10 (CSOR10)
$YFFA78
NOT USED
NOT USED
$YFFA7A
NOT USED
NOT USED
$YFFA7C
NOT USED
NOT USED
$YFFA7E
NOT USED
NOT USED
Table 7 SIM Address Map (Continued)
Access
Address
15
8 7
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com