Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C02-R Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24C02-R
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-R Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24C02-R Datasheet HTML 28Page - STMicroelectronics M24C02-R Datasheet HTML 29Page - STMicroelectronics M24C02-R Datasheet HTML 30Page - STMicroelectronics M24C02-R Datasheet HTML 31Page - STMicroelectronics M24C02-R Datasheet HTML 32Page - STMicroelectronics M24C02-R Datasheet HTML 33Page - STMicroelectronics M24C02-R Datasheet HTML 34Page - STMicroelectronics M24C02-R Datasheet HTML 35Page - STMicroelectronics M24C02-R Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Package mechanical data
M24C16, M24C08, M24C04, M24C02, M24C01
32/38
Doc ID 5067 Rev 17
Figure 17.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package outline
1.
Drawing is not to scale.
Table 23.
PDIP8 – 8 pin plastic DIP, 0.25 mm lead frame, package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
-
-
5.330
-
-
0.2098
A1
-
0.380
-
-
0.0150
-
A2
3.300
2.920
4.950
0.1299
0.1150
0.1949
b
0.460
0.360
0.560
0.0181
0.0142
0.0220
b2
1.520
1.140
1.780
0.0598
0.0449
0.0701
c
0.250
0.200
0.360
0.0098
0.0079
0.0142
D
9.270
9.020
10.160
0.3650
0.3551
0.4000
E
7.870
7.620
8.260
0.3098
0.3000
0.3252
E1
6.350
6.100
7.110
0.2500
0.2402
0.2799
e
2.540
-
-
0.1000
-
-
eA
7.600
-
-
0.3000
-
-
eB
-
-
10.920
-
-
0.4299
L
3.300
2.920
3.810
0.1299
0.1150
0.1500
PDIP-B
A2
A1
A
L
be
D
E1
8
1
c
eA
b2
eB
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com