Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2015 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC2015
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2015 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC2015 Datasheet HTML 11Page - Microchip Technology TC2015 Datasheet HTML 12Page - Microchip Technology TC2015 Datasheet HTML 13Page - Microchip Technology TC2015 Datasheet HTML 14Page - Microchip Technology TC2015 Datasheet HTML 15Page - Microchip Technology TC2015 Datasheet HTML 16Page - Microchip Technology TC2015 Datasheet HTML 17Page - Microchip Technology TC2015 Datasheet HTML 18Page - Microchip Technology TC2015 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21662F-page 15
TC2014/2015/2185
APPENDIX A:
REVISION HISTORY
Revision F (December 2012)
• Added a note to each package outline drawing.
Revision E (May 2006)
• Page 1: Added overtemperature to bullet for over-
current protection in features and general descrip-
tion verbiage.
• Page 3: Added Thermal Shutdown die Tempera-
ture to electrical characteristics table.
• Page 3: Added Thermal Characteristics Table.
• Page 5: Added new section 5.1 and new ver-
biage.
• Page 13: Updated package outline drawing.
Revision D (November 2004)
• Page 2: Changed Absolute Maximum Ratings
from 6.5V to 7.0V.
• Packaging Information: Added package codes for
2.6V and 5.0V options.
• Product Identification System: Added 2.6V and
5.0V to Output voltage options.
Revision C (December 2002)
• Numerous changes
Revision B (May 2002)
• Numerous changes
Revision A (May 2001)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com