Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD834ARZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD834ARZ-R7
Description  500 MHz Four-Quadrant Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834ARZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD834ARZ-R7 Datasheet HTML 9Page - Analog Devices AD834ARZ-R7 Datasheet HTML 10Page - Analog Devices AD834ARZ-R7 Datasheet HTML 11Page - Analog Devices AD834ARZ-R7 Datasheet HTML 12Page - Analog Devices AD834ARZ-R7 Datasheet HTML 13Page - Analog Devices AD834ARZ-R7 Datasheet HTML 14Page - Analog Devices AD834ARZ-R7 Datasheet HTML 15Page - Analog Devices AD834ARZ-R7 Datasheet HTML 16Page - Analog Devices AD834ARZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD834
Rev. F | Page 13 of 20
87
65
12
34
X2
X1 +VS W1
Y1 Y2 –VS W2
AD834
X-INPUT
±1V FS
Y-INPUT
±1V FS
TERMINATION
RESISTOR
TERMINATION
RESISTOR
+5V
RW RW
1.5RW
RL
4.7Ω
–5V
1µF
CERAMIC
1µF
CERAMIC
COUTPUT
BALUN
SEE
TEXT
C
Figure 17. Using a Balun at the Output
Note that the upper bandwidth limit of the balun is determined
only by the quality of the transmission line; therefore, the upper
bandwidth of the balun usually exceeds that of the multiplier.
This is unlike a conventional transformer where the signal is
conveyed as a flux in a magnetic core and is limited by core
losses and leakage inductance. The lower limit on bandwidth is
determined by the series inductance of the line, taken as a
whole, and the load resistance (if the blocking capacitors, C, are
sufficiently large). In practice, a balun can provide excellent
differential-to-single-sided conversion over much wider
bandwidths than a transformer.
WIDEBAND MULTIPLIER CONNECTIONS
When operation down to dc and a ground based output are
necessary, the configuration shown in Figure 18 can be used.
The element values were chosen in this example to result in a
full-scale output of ±1 V at the load, so the overall multiplier
transfer function is
W = (X1 − X2)(Y1 − Y2)
where the X1, X2, Y1, Y2 inputs and W output are in volts. The
polarity of the output can be reversed simply by reversing either
the X or Y input.
87
6
5
12
3
4
X2
X1 +VS W1
Y1 Y2 –VS W2
AD834
49.9Ω
0.1µF
0.1µF
+5V
4.7Ω
–5V
49.9Ω
X
±1V
Y
±1V
3.01kΩ
49.9Ω
49.9Ω
167Ω
0.01µF
0.01µF
3.01kΩ
261Ω
261Ω
3.74kΩ
3.74kΩ
1µF
1µF
2.7Ω
2.7Ω
90.9Ω
LOAD
49.9Ω
49.9Ω
7
3
10
1
8
14
OP AMP
Figure 18. Sideband DC-Coupled Multiplier
Choose the op amp to support the desired output bandwidth.
The op amp originally used in Figure 18 was the AD5539,
providing an overall system bandwidth of 100 MHz. The
AD8009 should provide similar performance. Many other
choices are possible where lower post multiplication band-
widths are acceptable. The level shifting network places the
input nodes of the op amp to within a few hundred millivolts of
ground using the recommended balanced supplies. The output
offset can be nulled by including a 100 Ω trim pot between each
of the lower pair of resistors (3.74 kΩ) and the negative supply.
The pulse response for this circuit is shown in Figure 19; the
X input is a pulse of 0 V to 1 V and the Y input is 1 V dc. The
transition times at the output are about 4 ns.
10
0%
100
90
10ns
200mV
Figure 19. Pulse Response for the Circuit of Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com