Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE8 Datasheet(PDF) 13 Page - Microchip Technology

Part # SE8
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SE8 Datasheet HTML 9Page - Microchip Technology SE8 Datasheet HTML 10Page - Microchip Technology SE8 Datasheet HTML 11Page - Microchip Technology SE8 Datasheet HTML 12Page - Microchip Technology SE8 Datasheet HTML 13Page - Microchip Technology SE8 Datasheet HTML 14Page - Microchip Technology SE8 Datasheet HTML 15Page - Microchip Technology SE8 Datasheet HTML 16Page - Microchip Technology SE8 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 13
PIC16(L)F1946/47
TABLE 1-2:
PIC16(L)F1946/47 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/CPS0/SEG33
RA0
TTL
CMOS General purpose I/O.
AN0
AN
—
A/D Channel input.
CPS0
AN
—
Capacitive sensing input 0.
SEG33
—
AN
LCD Analog output.
RA1/AN1/CPS1/SEG18
RA1
TTL
CMOS General purpose I/O.
AN1
AN
—
A/D Channel input.
CPS1
AN
—
Capacitive sensing input.
SEG18
—
AN
LCD Analog output.
RA2/AN2/VREF-/CPS2/SEG34
RA2
TTL
CMOS General purpose I/O.
AN2
AN
—
A/D Channel input.
VREF-
AN
—
A/D Negative Voltage Reference input.
CPS2
AN
—
Capacitive sensing input.
SEG34
—
AN
LCD Analog output.
RA3/AN3/VREF+/CPS3/SEG35
RA3
TTL
CMOS General purpose I/O.
AN3
AN
—
A/D Channel input.
VREF+
AN
—
A/D Voltage Reference input.
CPS3
AN
—
Capacitive sensing input.
SEG35
—
AN
LCD Analog output.
RA4/T0CKI/SEG14
RA4
TTL
CMOS General purpose I/O.
T0CKI
ST
—
Timer0 clock input.
SEG14
—
AN
LCD Analog output.
RA5/AN4/CPS4/SEG15
RA5
TTL
CMOS General purpose I/O.
AN4
AN
—
A/D Channel input.
CPS4
AN
—
Capacitive sensing input.
SEG5
—
AN
LCD Analog output.
RA6/OSC2/CLKOUT/SEG36
RA6
TTL
CMOS General purpose I/O.
OSC2
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
—
CMOS FOSC/4 output.
SEG36
—
AN
LCD Analog output.
RA7/OSC1/CLKIN/SEG37
RA7
TTL
CMOS General purpose I/O.
OSC1
XTAL
—
Crystal/Resonator (LP, XT, HS modes).
CLKIN
CMOS
—
External clock input (EC mode).
SEG37
—
AN
LCD Analog output.
RB0/INT/SRI/FLT0/SEG30
RB0
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
INT
ST
—
External interrupt.
SRI
—
ST
SR Latch input.
FLT0
ST
—
ECCP Auto-shutdown Fault input.
SEG30
—
AN
LCD analog output.
RB1/SEG8
RB1
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
SEG8
—
AN
LCD Analog output.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin function is selectable via the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com