Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRB_P3 Datasheet(PDF) 27 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # PRB_P3
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PRB_P3 Datasheet(HTML) 27 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button PRB_P3 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PRB_P3 Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
Table 6-1. Summary of Register Map (continued)
Decimal
Hex
DESCRIPTION
PAGE NO.
REG. NO.
PAGE NO.
REG. NO.
0
54
0x00
0x36
DIN Function Control Register
0
55
0x00
0x37
MISO Function Control Register
0
56
0x00
0x38
SCLK/DMDIN2 Function Control Register
0
57-59
0x00
0x39-0x3B
Reserved Registers
0
60
0x00
0x3C
DAC Instruction Set
0
61
0x00
0x3D
Reserved Registers
0
62
0x00
0x3E
miniDSP_D Configuration Register
0
63
0x00
0x3F
DAC Channel Setup Register 1
0
64
0x00
0x40
DAC Channel Setup Register 2
0
65
0x00
0x41
DAC Channel Digital Volume Control Register
0
66 - 80
0x00
0x42 - 0x50
Reserved Registers
0
81
0x00
0x51
Dig_Mic Control Register
0
82 - 127
0x00
0x52 - 0x7F
Reserved Registers
1
0
0x01
0x00
Page Select Register
1
1
0x01
0x01
REF, POR and LDO BGAP Control Register
1
2
0x01
0x02
LDO Control Register
1
3
0x01
0x03
Playback Configuration Register 1
1
4 - 7
0x01
0x04 - 0x07
Reserved Registers
1
8
0x01
0x08
DAC PGA Control Register
1
9
0x01
0x09
Output Drivers, AINL, AINR, Control Register
1
10
0x01
0x0A
Common Mode Control Register
1
11
0x01
0x0B
HP Over Current Protection Configuration Register
1
12
0x01
0x0C
HP Routing Selection Register
1
13 - 15
0x01
0x0D - 0x0F Reserved Registers
1
16
0x01
0x10
HP Driver Gain Setting Register
1
17 - 19
0x01
0x11 - 0x13
HPR Driver Gain Setting Register
1
20
0x01
0x14
Headphone Driver Startup Control Register
1
21
0x01
0x15
Reserved Register
1
22
0x01
0x16
HP Volume Control Register
1
23
0x01
0x17
Reserved Register
1
24
0x01
0x18
AINL Volume Control Register
1
25
0x01
0x19
AINR Volume Control Register
1
26 - 44
0x01
0x1A - 0x2C Reserved Registers
1
45
0x01
0x2D
Speaker Amplifier Control 1
1
46
0x01
0x2E
Speaker Volume Control Register
1
47
0x01
0x2F
Reserved Register
1
48
0x01
0x30
Speaker Amplifier Volume Control 2
1
49 - 62
0x01
0x31 - 0x3E Right MICPGA Positive Terminal Input Routing Configuration Register
1
64 - 121
0x01
0x40 - 0x79
Reserved Registers
1
122
0x01
0x7A
Reference Power Up Delay
1
123 - 127
0x01
0x7B - 0x7F Reserved Registers
2 - 43
0 - 127
0x02 - 0x2B 0x00 - 0x7F
Reserved Registers
44
0
0x2C
0x00
Page Select Register
44
1
0x2C
0x01
DAC Adaptive Filter Configuration Register
44
2 - 7
0x2C
0x02 - 0x07
Reserved
44
8 - 127
0x2C
0x08 - 0x7F
DAC Coefficients Buffer-A C(0:29)
Copyright © 2013, Texas Instruments Incorporated
Register Map
27
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com