Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM82B Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # ZMM82B
Description  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

ZMM82B Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  ZMM82B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. ZMM82B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. ZMM82B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. ZMM82B Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. ZMM82B Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. ZMM82B Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd. ZMM82B Datasheet HTML 7Page - Gaomi Xinghe Electronics Co., Ltd. ZMM82B Datasheet HTML 8Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZMM1B...ZMM200B
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp coefficient
of Zener Voltage
lZT for VZT
2)
rZJT
rZJK at IZK
Ta =25
oCT
a = 125
oC
Type
Vznom
V
mA
V
Ω
Ω
mA
μA
μA
IR at VR
V
TKvz
%/K
ZMM 1B
3)
0.75
5
0.73…0.77
<8
<50
1
--
--
--
-0.26...-0.23
ZMM 2B0
2.0
5
1.96…2.04
<85
<600
1
<100
<200
1
-0.09...-0.06
ZMM 2B2
2.2
5
2.15…2.25
<85
<600
1
<75
<160
1
-0.09...-0.06
ZMM 2B4
2.4
5
2.35…2.45
<85
<600
1
<50
<100
1
-0.09...-0.06
ZMM 2B7
2.7
5
2.64…2.75
<85
<600
1
<10
<50
1
-0.09...-0.06
ZMM 3B0
3.0
5
2.94…3.06
<85
<600
1
<4
<40
1
-0.08...-0.05
ZMM 3B3
3.3
5
3.23…3.36
<85
<600
1
<2
<40
1
-0.08...-0.05
ZMM 3B6
3.6
5
3.52…3.67
<85
<600
1
<2
<40
1
-0.08...-0.05
ZMM 3B9
3.9
5
3.82…3.98
<85
<600
1
<2
<40
1
-0.08...-0.05
ZMM 4B3
4.3
5
4.21…4.39
<75
<600
1
<1
<20
1
-0.06...-0.03
ZMM 4B7
4.7
5
4.60…4.80
<60
<600
1
<0.5
<10
1
-0.05...+0.02
ZMM 5B1
5.1
5
4.99…5.20
<35
<550
1
<0.1
<2
1
-0.02...+0.02
ZMM 5B6
5.6
5
5.49…5.71
<25
<450
1
<0.1
<2
1
-0.05...+0.05
ZMM 6B2
6.2
5
6.07…6.32
<10
<200
1
<0.1
<2
2
0.03...0.06
ZMM 6B8
6.8
5
6.66…6.94
<8
<150
1
<0.1
<2
3
0.03...0.07
ZMM 7B5
7.5
5
7.35…7.65
<7
<50
1
<0.1
<2
5
0.03...0.07
ZMM 8B2
8.2
5
8.04…8.36
<7
<50
1
<0.1
<2
6.2
0.03...0.08
ZMM 9B1
9.1
5
8.92…9.28
<10
<50
1
<0.1
<2
6.8
0.03...0.09
ZMM 10B
10
5
9.8…10.2
<15
<70
1
<0.1
<2
7.5
0.03...0.1
ZMM 11B
11
5
10.8…11.2
<20
<70
1
<0.1
<2
8.2
0.03...0.11
ZMM 12B
12
5
11.8…12.2
<20
<90
1
<0.1
<2
9.1
0.03...0.11
ZMM 13B
13
5
12.7…13.3
<26
<110
1
<0.1
<2
10
0.03...0.11
ZMM 15B
15
5
14.7…15.3
<30
<110
1
<0.1
<2
11
0.03...0.11
ZMM 16B
16
5
15.7…16.3
<40
<170
1
<0.1
<2
12
0.03...0.11
ZMM 18B
18
5
17.6…18.4
<50
<170
1
<0.1
<2
13
0.03...0.11
ZMM 20B
20
5
19.6…20.4
<55
<220
1
<0.1
<2
15
0.03...0.11
ZMM 22B
22
5
21.6…22.5
<55
<220
1
<0.1
<2
16
0.04...0.12
ZMM 24B
24
5
23.5…24.5
<80
<220
1
<0.1
<2
18
0.04...0.12
ZMM 27B
27
5
26.4…27.6
<80
<220
1
<0.1
<2
20
0.04...0.12
ZMM 30B
30
5
29.4…30.6
<80
<220
1
<0.1
<2
22
0.04...0.12
ZMM 33B
33
5
32.3…33.7
<80
<220
1
<0.1
<2
24
0.04...0.12
ZMM 36B
36
5
35.2…36.8
<80
<220
1
<0.1
<2
27
0.04...0.12
ZMM 39B
39
2.5
38.2…39.8
<90
<500
0.5
<0.1
<5
30
0.04...0.12
ZMM 43B
43
2.5
42.1…43.9
<90
<500
0.5
<0.1
<5
33
0.04...0.12
ZMM 47B
47
2.5
46.0…48.0
<110
<600
0.5
<0.1
<5
36
0.04...0.12
ZMM 51B
51
2.5
49.9…52.1
<125
<700
0.5
<0.1
<10
39
0.04...0.12
ZMM 56B
56
2.5
54.8…57.2
<135
<700
0.5
<0.1
<10
43
0.04...0.12
ZMM 62B
62
2.5
60.7…63.3
<150
<1000
0.5
<0.1
<10
47
0.04...0.12
ZMM 68B
68
2.5
66.6…69.4
<200
<1000
0.5
<0.1
<10
51
0.04...0.12
ZMM 75B
75
2.5
73.5…76.5
<250
<1000
0.5
<0.1
<10
56
0.04...0.12
ZMM 82B
82
2.5
80.3…83.7
<300
<1500
0.25
<0.1
<10
62
0.05...0.12
ZMM 91B
91
1
89.1…92.9
<450
<2000
0.1
<0.1
<10
68
0.05...0.12
ZMM 100B
100
1
98.0…102.0
<450
<5000
0.1
<0.1
<10
75
0.05...0.12
ZMM 110B
110
1
107.8…112.2
<600
<5000
0.1
<0.1
<10
82
0.05...0.12
ZMM 120B
120
1
117.6…122.4
<800
<5500
0.1
<0.1
<10
91
0.05...0.12
ZMM 130B
130
1
127.4…132.6
<950
<6000
0.1
<0.1
<10
100
0.05...0.12
ZMM 150B
150
1
147.0…153.0
<1250
<6500
0.1
<0.1
<10
110
0.05...0.12
ZMM 160B
160
1
156.8…163.2
<1400
<7000
0.1
<0.1
<10
120
0.05...0.12
ZMM 180B
180
1
176.4…183.6
<1700
<8500
0.1
<0.1
<10
130
0.05...0.12
ZMM 200B
200
1
196.0…204.0
<2000
<10000
0.1
<0.1
<10
150
0.05...0.12
1) Tested with pulses tp = 20 ms.
1)
Valid provided that electrodes are kept at ambient temperature
2)
The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be “F” instead of “Z”. Connect the
cathode electrode to the negative pole.
XINGHE ELECTRONICS
星合电子



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com