Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIPER28LDTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER28LDTR
Description  Off-line high voltage converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LDTR Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER28LDTR Datasheet HTML 1Page - STMicroelectronics VIPER28LDTR Datasheet HTML 2Page - STMicroelectronics VIPER28LDTR Datasheet HTML 3Page - STMicroelectronics VIPER28LDTR Datasheet HTML 4Page - STMicroelectronics VIPER28LDTR Datasheet HTML 5Page - STMicroelectronics VIPER28LDTR Datasheet HTML 6Page - STMicroelectronics VIPER28LDTR Datasheet HTML 7Page - STMicroelectronics VIPER28LDTR Datasheet HTML 8Page - STMicroelectronics VIPER28LDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Pin settings
VIPER28
4/32
Doc ID 15028 Rev 5
3
Pin settings
Figure 3.
Connection diagram (top view)
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
Table 3.
Pin description
Pin n.
Name
Function
SDIP10
DIP-7
SO16N
1
1
1...2
GND
This pin represents the device ground and the source of the power section.
--
4
N.A.
Function: Not available for user. It can be connected to GND (pins 1-2) or left
not connected.
225
VDD
Supply voltage of the control section. This pin also provides the charging
current of the external capacitor during start-up time.
3
3
6
CONT
Control pin. The following functions can be selected:
1. current limit set point adjustment. The internal set default value of the cycle-
by-cycle current limit can be reduced by connecting to ground an external
resistor.
2. output voltage monitoring. A voltage exceeding VOVP threshold (see Table 8
on page 7) shuts the IC down reducing the device consumption. This function
is strobed and digitally filtered for high noise immunity.
447
FB
Control input for duty cycle control. Internal current generator provides bias
current for loop regulation. A voltage below the threshold VFBbm activates the
burst-mode operation. A level close to the threshold VFBlin means that we are
approaching the cycle-by-cycle over-current set point.
558
EPT
This pin allows the connection of an external capacitor for the extra power
management. If the function is not used, the pin has to be connected to GND.
6...10
7,8
13...16 DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias current
is drawn from this pin too. Pins connected to the metal frame to facilitate heat
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com