Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Measuring Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # Measuring
Description  ZNR Transient/Surge Absorbers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

Measuring Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button Measuring Datasheet HTML 9Page - Panasonic Semiconductor Measuring Datasheet HTML 10Page - Panasonic Semiconductor Measuring Datasheet HTML 11Page - Panasonic Semiconductor Measuring Datasheet HTML 12Page - Panasonic Semiconductor Measuring Datasheet HTML 13Page - Panasonic Semiconductor Measuring Datasheet HTML 14Page - Panasonic Semiconductor Measuring Datasheet HTML 15Page - Panasonic Semiconductor Measuring Datasheet HTML 16Page - Panasonic Semiconductor Measuring Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Transient/Surge Absorbers (Type D)
– 312 –
5000
4000
3000
2000
1000
900
800
700
600
500
400
300
200
102
911
821
751
681
112
102
911
821
112
621
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
751
681
621
182CS
182CS
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20
µs
Current (A)
Max. Clamping Voltage
Max.
Leakage Current
30
40
50
60
70
80
90
100
200
300
400
500
600
700
800
900
1000
2000
471
431
391
361
511
471
431
391
361
331
271
241
221
201
511
271
201
151
121
101
820
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
241
221
331
151
121
101
820
Current (A)
Test Current Waveform
10
-6 to 10-3 A: Direct Current
10
-1 to 104 A: 8/20
µs
Max.
Leakage Current
Max. Clamping Voltage
Impulse Width (
µs)
10000
1000
100
10
20
100
10000
10 6
Times
10
5
Times
10
2
Times
10
3
Times
10
Times
10
4
Times
1000
1
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
Impulse Width (
µs)
10000
1000
100
10
20
100
1000
10
Times
10 6
Time
s
10
2
Times
10 3
Times
10 5
Times
10 4
Times
10000
1
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
10000
1000
100
10
20
100
1000
10 6
Times
10
2
Times
10
3
Tim
es
2T
im
es
10
Ti
m
es
10 4
Times
10 5
Times
10000
1
Impulse Width (
µs)
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
ERZV10D820 to ERZV10D511
ERZV10D621 to ERZV10D182CS
ERZV10D820 to ERZV10D511
■ Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
ERZV10D621 to ERZV10D112
ERZV10D182CS
Sep. 2010
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com