Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD736BRZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD736BRZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736BRZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD736BRZ-R7 Datasheet HTML 9Page - Analog Devices AD736BRZ-R7 Datasheet HTML 10Page - Analog Devices AD736BRZ-R7 Datasheet HTML 11Page - Analog Devices AD736BRZ-R7 Datasheet HTML 12Page - Analog Devices AD736BRZ-R7 Datasheet HTML 13Page - Analog Devices AD736BRZ-R7 Datasheet HTML 14Page - Analog Devices AD736BRZ-R7 Datasheet HTML 15Page - Analog Devices AD736BRZ-R7 Datasheet HTML 16Page - Analog Devices AD736BRZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD736
Rev. I | Page 13 of 20
APPLICATIONS
CONNECTING THE INPUT
The inputs of the AD736 resemble an op amp, with noninverting
and inverting inputs. The input stages are JFETs accessible at
Pin 1 and Pin 2. Designated as the high impedance input, Pin 2
is connected directly to a JFET gate. Pin 1 is the low impedance
input because of the scaling resistor connected to the gate of the
second JFET. This gate-resistor junction is not externally accessible
and is servo-ed to the voltage level of the gate of the first JFET,
as in a classic feedback circuit. This action results in the typical
8 kΩ input impedance referred to ground or reference level.
This input structure provides four input configurations as
shown in Figure 21, Figure 22, Figure 23, and Figure 24.
Figure 21 and Figure 22 show the high impedance configurations,
and Figure 23 and Figure 24 show the low impedance connections
used to extend the input voltage range.
AD736
COM
+VS
+VS
OUTPUT
CF
1MΩ
VOUTDC
CAV
CC
VIN
–VS
1
2
3
4
8
7
6
5
CAV
–VS
Figure 21. High-Z AC-Coupled Input Connection (Default)
AD736
COM
+VS
+VS
OUTPUT
VOUTDC
CAV
CC
VIN
–VS
1
2
3
4
8
7
6
5
CAV
CF
–VS
Figure 22. High-Z DC-Coupled Input Connection
AD736
COM
+VS
+VS
OUTPUT
VOUTDC
CAV
CC
VIN
–VS
1
2
3
4
8
7
6
5
CAV
CF
–VS
Figure 23. Low-Z AC-Coupled Input Connection
AD736
COM
+VS
+VS
OUTPUT
VOUTDC
CAV
CC
VIN
–VS
1
2
3
4
8
7
6
5
CAV
CF
–VS
Figure 24. Low-Z DC-Coupled Input Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com