Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD736ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD736ARZ-R7
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD736ARZ-R7 Datasheet HTML 10Page - Analog Devices AD736ARZ-R7 Datasheet HTML 11Page - Analog Devices AD736ARZ-R7 Datasheet HTML 12Page - Analog Devices AD736ARZ-R7 Datasheet HTML 13Page - Analog Devices AD736ARZ-R7 Datasheet HTML 14Page - Analog Devices AD736ARZ-R7 Datasheet HTML 15Page - Analog Devices AD736ARZ-R7 Datasheet HTML 16Page - Analog Devices AD736ARZ-R7 Datasheet HTML 17Page - Analog Devices AD736ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD736
Data Sheet
Rev. I | Page 14 of 20
SELECTING PRACTICAL VALUES FOR INPUT
COUPLING (CC), AVERAGING (CAV), AND FILTERING
(CF) CAPACITORS
Table 6 provides practical values of CAV and CF for several
common applications.
The input coupling capacitor, CC, in conjunction with the
8 kΩ internal input scaling resistor, determine the −3 dB
low frequency roll-off. This frequency, FL, is equal to
)
(8000)(
2π
1
Farads
in
C
of
Value
F
C
L =
Note that at FL, the amplitude error is approximately −30%
(–3 dB) of the reading. To reduce this error to 0.5% of the
reading, choose a value of CC that sets FL at one-tenth of the
lowest frequency to be measured.
In addition, if the input voltage has more than 100 mV of dc
offset, then the ac-coupling network shown in Figure 27 should
be used in addition to CC.
Table 6. Capacitor Selection Chart
Application
RMS Input Level
Low Frequency
Cutoff (−3 dB)
Max Crest
Factor
CAV
(µF)
CF
(µF)
Settling Time1 to 1%
General-Purpose RMS Computation
0 V to 1 V
20 Hz
5
150
10
360 ms
200 Hz
5
15
1
36 ms
0 mV to 200 mV
20 Hz
5
33
10
360 ms
200 Hz
5
3.3
1
36 ms
General Purpose
0 V to 1 V
20 Hz
None
33
1.2 sec
Average
200 Hz
None
3.3
120 ms
Responding
0 mV to 200 mV
20 Hz
None
33
1.2 sec
200 Hz
None
3.3
120 ms
SCR Waveform Measurement
0 mV to 200 mV
50 Hz
5
100
33
1.2 sec
60 Hz
5
82
27
1.0 sec
0 mV to 100 mV
50 Hz
5
50
33
1.2 sec
60 Hz
5
47
27
1.0 sec
Audio Applications
Speech
0 mV to 200 mV
300 Hz
3
1.5
0.5
18 ms
Music
0 mV to 100 mV
20 Hz
10
100
68
2.4 sec
1
Settling time is specified over the stated rms input level with the input signal increasing from zero. Settling times are greater for decreasing amplitude input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com