Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ76 Datasheet(PDF) 15 Page - Emerson Network Power

Part # BJ76
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BJ76 Datasheet(HTML) 15 Page - Emerson Network Power

Back Button BJ76 Datasheet HTML 11Page - Emerson Network Power BJ76 Datasheet HTML 12Page - Emerson Network Power BJ76 Datasheet HTML 13Page - Emerson Network Power BJ76 Datasheet HTML 14Page - Emerson Network Power BJ76 Datasheet HTML 15Page - Emerson Network Power BJ76 Datasheet HTML 16Page - Emerson Network Power BJ76 Datasheet HTML 17Page - Emerson Network Power BJ76 Datasheet HTML 18Page - Emerson Network Power BJ76 Datasheet HTML 19Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
13
R-Resistance (½W, 1%). For standard panels see page 51.
J74 Series
Trompeter’s superior J74 Series of twinax/triax patch jacks
provide a normal-thru signal path without the use of looping
plugs or patch cords. Same body size as our J24 Series coax dual
patch jacks.
It offers a self-wiping, self-normalizing switch with gold plated
beryllium copper contacts, which provides positive electrical
contact with 30,000 minimum mating cycles.
All metallic parts are machined, formed, or die-casted to
extremely close tolerances which provide better intermateability
improving EMI/RFI suppression and reduced signal loss. The TRB/
TRT patch jack bodies are made of top-quality brass with a bright
nickel-plated, non-tarnish finish, which resists tarnishing and
the associated reduction of conductivity. Dielectrics are made
of machined PTFE for superior dielectric properties and heat
resistance. When you want performance and long-life, these
patch jacks are what you need.
BNC RECEPTACLES
.445 DIA TYP
2.660
.570
.625
1.375
1.148
1.659
.487
.156 DIA TYP MTG HOLE
.562
J74T-R
Self-Terminating
Provides a resistive load to the unused side of the jack.
Insertion of a patch plug into the source side automatically
terminates the load side. Plugging into the load side
automatically terminates the source side.
J74-2T-R
Normally-Terminated
Provides a resistive load.
BNC
RECEPTACLES
.625
2.125
.750
.156 DIA MTG HOLE
.445 DIA TYP
1.897
.487
.570
2.409
2.660
.562
J74MST-R SCHEMATIC
Monitor-Terminated
Plugging into the source side provides a resistive load to
the monitored side. Separate 20 dB isolator jack and
TRB input jacks for monitoring of the normal-thru signal.
TRB
TRB
Twinax/Triax Connectors / Miniature Patching
Twinax/Triax Connectors / Miniature Normal-Thru Patch Jacks
Monitor-Terminated Patch Jack
Use with Front Loading Modular Panels, see page 12.
J74MST-R
Normal-Thru Patch Jack
Self-terminating
J74T-R
Provides a resistive load to the unused side of the jack. Insertion
of a patch plug into the source side automatically terminates the
load side. Plugging into the load side automatically terminates the
source side.
Dual Patch Jack
Normally-terminated
J74-2T-R
Provides a resistive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com