Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8952ECS/RV Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8952ECS/RV
Description  Mono ADC with Microphone Pre-amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8952ECS/RV Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8952ECS/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8952ECS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
Pre Production
WM8952
w
PP, Rev 3.1, June 2011
5
PIN DESCRIPTION
PIN
(WLCSP)
NAME
TYPE
DESCRIPTION
B5
MICBIAS
Analogue Output
Microphone bias
B6
AVDD
Supply
Analogue supply
C6
AGND
Supply
Analogue ground
D6
DCVDD
Supply
Digital Supply (Core)
D5
DBVDD
Supply
Digital supply (Input/Output)
E6
DGND
Supply
Digital ground
F6
ADCDAT
Digital Output
ADC digital audio data output
E5
TP
Test pin
Connect to ground
E3
FRAME
Digital Input / Output
ADC sample rate clock or frame synch
F5
BCLK
Digital Input / Output
Digital audio port clock
F4
MCLK
Digital Input
Master clock input
F3
CSB/GPIO
Digital Input / Output
3-Wire control interface chip select or GPIO pin
E2
SCLK
Digital Input
Control interface clock input
F1
SDIN
Digital Input / Output
Control interface data input
F2
MODE/GPIO
Digital Input
Control interface mode selection or GPIO pin
A1
AGND2
Supply
Analogue ground
A2
AVDD2
Supply
Analogue supply
B4
AUX
Analogue Input
Auxiliary analogue input
A4
VMID
Reference
Decoupling for midrail reference voltage
A5
MICN
Analogue Input
Microphone negative input (common mode)
A6
MICP
Analogue Input
Microphone positive input
A3, B1, B2,
C1, C2, D1, E1
DNC
Do Not Connect
Leave these pins floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com