Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9713 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9713
Description  3M??XYZ-Axis Electrically Conductive Tape 9713
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9713 Datasheet(HTML) 1 Page - 3M Electronics

  9713 Datasheet HTML 1Page - 3M Electronics 9713 Datasheet HTML 2Page - 3M Electronics 9713 Datasheet HTML 3Page - 3M Electronics 9713 Datasheet HTML 4Page - 3M Electronics 9713 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3MXYZ-Axis Electrically Conductive Tape 9713
Product Description
3M™ XYZ-Axis Electrically Conductive Tape 9713 is an isotropically conductive pressure sensitive tape. 3M tape 9713
conducts electricity through the thickness (Z-axis) and in the plane of the adhesive (X, Y planes) and is ideal for EMI/RFI
shield and EMI/RFI gasket attachment to metal surfaces. The tape consists of a high performance 3M adhesive loaded with
conductive fibers. The result is a double-sided tape providing both good adhesion and good electrical performance. The
conductive fibers in 3M tape 9713 also provide improved handling characteristics.
3M™ XYZ-Axis Electrically Conductive Tape 9713 is ideal for attaching EMI shields to electronic and electrical devices.
3M tape 9713 may be used with many types of foil laminate shields, such as aluminum/PVC or copper/PVC laminates, to
provide a customized shielding solution. This tape may also be used to attach conductive fabric/foam core EMI gaskets to
electronic cabinetry. 3M tape 9713 may be applied in strips or die cut to specific shapes and sizes. Compared to screws or
other mechanical connectors, 3M tape 9713 provides reduced assembly time and a solid bond line with no gaps which
might result in EMI emission.
3
Technical Data
April, 2009
Construction
Product
3M™ XYZ-Axis Electrically Conductive Tape 9713
Adhesive Type
Filled Acrylic
Filler Type
Conductive Fibers
Release Liner
Silicone-Treated Polycoated Kraft Paper
Approximate Thickness:
Tape Only:
0.0035 in. (0.0889 mm)
Release Liner:
0.004 in. (0.010 mm)


Similar Part No. - 9713

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9713 3M-9713 Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
logo
Heyco.
9713 HEYCO-9713 Datasheet
93Kb / 1P
Drive Fasteners
logo
Time Electronics Ltd.
9713 TIME-ELECTRONICS-9713 Datasheet
1Mb / 2P
5065 Bench Digital Multimeter
03/20
logo
Wurth Elektronik GmbH &...
971300151 WURTH-971300151 Datasheet
74Kb / 2P
AsSSTIE Steel Spacer Stud Metric Thread int./ext.
971300321 WURTH-971300321 Datasheet
74Kb / 2P
AsSSTIE Steel Spacer Stud Metric Thread int./ext.
More results

Similar Description - 9713

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-7850 3M-2-5-7850 Datasheet
89Kb / 3P
3M??Electrically Conductive Acrylic Pad (eCAP) 7850
8940 3M-8940 Datasheet
77Kb / 4P
3M??Thermally Conductive Adhesive Tape 8940 / 8943
9703 3M-9703 Datasheet
148Kb / 5P
Electrically Conductive Adhesive Transfer Tape 9703
3294 3M-3294 Datasheet
131Kb / 5P
3M??Vent Tape
8997 3M-8997 Datasheet
124Kb / 5P
3M??Polyimide Tape
86415 3M-86415 Datasheet
275Kb / 3P
3M??VHB??Tape
9711S 3M-9711S Datasheet
228Kb / 5P
Electrically Conductive Double-Sided Tape 9711SSeries
ECG-8035 3M-ECG-8035 Datasheet
281Kb / 6P
Electrically Conductive Cushioning Gasket Tape
9725 3M-9725 Datasheet
147Kb / 4P
3M??XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
2009
logo
Murata Manufacturing Co...
SCHA600 MURATA1-SCHA600 Datasheet
183Kb / 1P
6-DOF XYZ-Axis Gyroscope and XYZ-Axis Accelerometer with Digital SPI Interface
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com