Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP80NF70 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP80NF70
Description  N-channel 68 V, 0.0082 Ω, 98 A, TO-220 STripFET™II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF70 Datasheet(HTML) 1 Page - STMicroelectronics

  STP80NF70 Datasheet HTML 1Page - STMicroelectronics STP80NF70 Datasheet HTML 2Page - STMicroelectronics STP80NF70 Datasheet HTML 3Page - STMicroelectronics STP80NF70 Datasheet HTML 4Page - STMicroelectronics STP80NF70 Datasheet HTML 5Page - STMicroelectronics STP80NF70 Datasheet HTML 6Page - STMicroelectronics STP80NF70 Datasheet HTML 7Page - STMicroelectronics STP80NF70 Datasheet HTML 8Page - STMicroelectronics STP80NF70 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2010
Doc ID 17610 Rev 1
1/13
13
STP80NF70
N-channel 68 V, 0.0082
Ω, 98 A, TO-220
STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
Application
■ Switching applications
Description
The STP80NF70 is a N-channel Power MOSFET
realized with STMicroelectronics unique
STripFET™ process. It has specifically been
designed to minimize input capacitance and gate
charge. The device is therefore suitable in
advanced high-efficiency switching applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STP80NF70
68 V
< 0.0098
Ω
98 A
1
2
3
TO-220
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP80NF70
80NF70
TO-220
Tube
www.st.com


Similar Part No. - STP80NF70

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP80NF70 VBSEMI-STP80NF70 Datasheet
999Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STP80NF70 ISC-STP80NF70 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP80NF70

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NF03L STMICROELECTRONICS-STP22NF03L_08 Datasheet
536Kb / 12P
N-channel 30 V, 0.0038 Ω, 22 A, TO-220 STripFET™II Power MOSFET
08-Oct-2008
STP75NF68 STMICROELECTRONICS-STP75NF68 Datasheet
440Kb / 12P
N-channel 68 V, 0.010 OHM, 80 A, TO-220 STripFET II Power MOSFET
06-Aug-2008
STB78NF55-08 STMICROELECTRONICS-STB78NF55-08 Datasheet
819Kb / 19P
N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
19-Jul-2016
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STH110N7F6-2 STMICROELECTRONICS-STH110N7F6-2 Datasheet
912Kb / 17P
N-channel 68 V, 0.0053 Ω typ.,110 A, STripFET™ F6 Power MOSFET in a H2PAK-2 package
30-Mar-2015
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
20-Aug-2014
STD35NF06L STMICROELECTRONICS-STD35NF06L_V01 Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com