| Electronic Components Datasheet Search |
|
ACT7005 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT7005 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology |
|
13 / 29 page ![]() Aeroflex Circuit Technology SCD7005 REV B 8/2/01 Plainview NY (516) 694-6700 13 Name Use INT #1 GOOD BLOCK (RT) Indicates reception of a valid block of data. The RECEIVE COMMAND WORD is loaded in RCV CMD WD Register. This interrupt is issued after the new block of data is moved into the Internal RAM. VALID (BC) Indicates that the Bus Controller has initiated and observed a valid message transfer on the 1553 data bus. INT #2 VALID TRANS (RT) Indicates reception of a valid TRANSMIT COMMAND WORD. The TRANSMIT COMMAND WORD is loaded in CMD WD Register. Note: This interrupt does not necessarily indicate that the transmitted data was received by the bus controller. INVALID (BC) Indicates that the Bus Controller has initiated a message transfer on the data bus, but the message traffic has been deemed invalid. SYNC NO DATA Indicates reception of a valid mode command SYNCHRONIZE WITHOUT DATA SYNC W/DATA Indicates reception of a valid mode command SYNCHRONIZE WITH DATA. The synchronize data word is loaded into the SYNC/STAT WD #2/RMD REGISTER. This interrupt will not be issued if a word count high or low error occurs. DONE This interrupt is issued in response to an I/0 command from the subsystem. In response to an I/0 load OUTPUT buffer command, it indicates that the complete 32 word message block (SUBADDRESS) has been loaded into the OUTPUT FIFO buffer. In response to an I/0 load internal RAM from INPUT FIFO buffer command, it indicates the full message (1 to 32 WORDS) has been loaded. TIMING a. In response to an I/0 load OUTPUT buffer: 16.5 to 33 µsec.* b. In response to an I/0 load RAM from INPUT buffer: 16.5 to 33 µsec for 32 WORDS*, for SHORTER LOAD OPERATIONS SUBTRACT 0.5 µsec per (16 bit) word, i.e., 17 µsec to 0.5 µsec for single word. *NOTE: In the unusual case where a superceding transmit command on the redundant bus occurs at the returned status time for a valid 32 word receive, simultaneously with an I/0 transfer request, the DONE interrupt may be delayed for an additional 16.5 usec. BUFF EF This flag may be used to speed up read data operation in response to an I/0 load OUTPUT FIFO buffer command. The BUFF EF flag will go high when the first word is loaded into the OUTPUT FIFO buffer. The word may be read at that time. Please see Figure 6. MODERESET Indicates reception of a valid RESET mode command. Table 6 – Discrete Interrupts Summary |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |