Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT3492 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # ACT3492
Description  MIL-STD-1553B Remote Terminal, BUS Controller, or Passive Monitor Hybrid with Status Word Control Dual Low Power Monolithic BUS Tranceivers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT3492 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button ACT3492 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 16Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 17Page - Aeroflex Circuit Technology ACT3492 Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Aeroflex Circuit Technology
SCD3492 REV B 6/26/01 Plainview NY (516) 694-6700
14
HSFAIL
OUTPUT
B5
Handshake Failure - This line pulses low if the allowable time
for DTAK response has been exceeded during the
ASIC/subsystem data transfer handshaking.
LSTCMD/CWEN
OUTPUT
D5
Last Command/Command Word Enable - This line pulses low
when servicing a valid and legal mode command to transmit last
command. When in RT mode this line must not be used to
enable data from the subsystem. This line also pulses low, when
in the Bus Control mode, when a command word is required for
transmission.
STATEN/
STATSTB
OUTPUT
K7
Status Enable/Status Strobe - This line pulses low to enable
the status word onto the internal highway for transmission.
When in RT mode this line must not be used to enable data
from the subsystem. This line also pulses high, when in the Bus
Control mode, to strobe received status words into the
subsystem. When PASMON is true this line pulses high for
Command and Status words.
STAT UPDATE
INPUT
E6
Status Update - When held low, causes TF or SSF to appear in
Status Word response to Transmit Status or Transmit Last Com-
mand issued immediately after fault occurrence
BITEN/
RMDSTB
OUTPUT
C6
Built In Test Enable/Receive Mode Data Strobe - This line
pulses low when servicing a valid and legal mode command to
transmit the internal BIT word. This signal is for information only
and must not be used to enable data from the subsystem. This
line also pulses high when in the Bus Control mode when mode
data is received to be passed to the subsystem and when data
is passed to the subsystem during PASMON.
DWSYNC
OUTPUT
G3
Data Word Sync - This line goes low if a data word sync and
two Manchester biphase bits are valid.
ENABLE
INPUT
E7
Enable - When held low, enables Bit Decode, Next Status, and
Status Update program lines.
CMSYNC
OUTPUT
G4
Command Word Sync - This line goes low if a command word
sync and two Manchester biphase bits are valid.
NDRQ
OUTPUT
D10
No Data Required - This line goes low if the encoder transmit
buffer is full i.e. another word is going to be transmitted. This
signal is for information only and must not be used to enable
data from the subsystem.
NEXT STAT
INPUT
A10
Next Status - When held low, causes TF or SSF to appear in
very next Status Word after fault occurrence (except for
Transmit Status or Transmit Last Command).
MASTER RESET
INPUT
B8
Master Reset - A logic low on this input (100 nSec minimum)
will reset the interface.
Pin Description (Cont.)
Signal
Direction
Pin
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com