Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2502CS Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2502CS
Description  1A VERY LOW DROPOUT VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2502CS Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2502CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2502CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2502CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2502CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2502CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2502CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2502CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2502CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS2501/AMS2502
Monolithic
1A VERY LOW DROPOUT VOLTAGE REGULATORS
Systems
FEATURES
APPLICATIONS
•• Adjustable or Fixed Output
•• High Efficiency Current Regulators
1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
•• Post Regulators for Switching Supplies
•• Output Current of 1A
•• Audio/Video/Modem Card Supply
•• Low Dropout, typ. 200mV at 500mA Output Current
•• Adjustable Power Supply
•• Fast Transient Response
•• Notebook/Personal Computer Supplies
•• Remote Sense
GENERAL DESCRIPTION
The
The AMS2501/AMS2502 series of adjustable and fixed low dropout voltage regulators are designed to provide 1A output
current. The dropout voltage of the device is 100mV at light loads and rising to 200mV at 500mA output current. A second
input voltage of 1.2V or greater than the output is required to achieve this dropout. The AMS2501/AMS2502 can also be used
as a single supply device by connecting pin1 and pin 8 together. In this case the dropout voltage will be typically 1.2V.
New features have been added to the AMS2501: a remote Sense pin is brought out virtually eliminating output voltage
variations due to load changes. AMS2502 has an additional feature of an On/Off pin to keep the device in stand-by mode.
The typical load regulation, measured at the Sense pin, for a load current step of 100mA to 1A is less than 1mV.
The AMS2501/AMS2502 series has fast transient response. On the AMS2502 the reference voltage is brought out to allow
the user to add a bypass capacitor for lower noise and transient response improvement.
The AMS2501/AMS2502 series are ideal for generating supplies of 1.25V to 3V where both 5V and 3.3V supplies are
available.
The AMS2501/AMS2502 devices are offered in 8 lead SOIC package.
ORDERING INFORMATION:
PIN CONNECTIONS
PACKAGE TYPE
OPERATING JUNCTION
8 LEAD SO-8
TEMPERATURE RANGE
AMS2501CS
AMS2502CS
0 to 125
° C
AMS2501CS-1.5
AMS2502CS-1.5
0 to 125
° C
AMS2501CS-1.8
AMS2502CS-1.8
0 to 125
° C
AMS2501CS-2.5
AMS2502CS-2.5
0 to 125
° C
AMS2501CS-2.85
AMS2502CS-2.85
0 to 125
° C
AMS2501CS-3.0
AMS2502CS-3.0
0 to 125
° C
AMS2501CS-3.3
AMS2502CS-3.3
0 to 125
° C
AMS2501CS-3.5
AMS2502CS-3.5
0 to 125
° C
AMS2501CS-5.0
AMS2502CS-5.0
0 to 125
° C
AMS2501 8L SOIC
1
2
8
4
3
7
5
6 ADJ/GND
N/C
N/C
POWER IN
OUTPUT
OUTPUT
CONTROL IN
SENSE
Top View
AMS2502 8L SOIC
1
2
8
4
3
7
5
6 ADJ/GND
ON/OFF
BYPASS
POWER IN
OUTPUT
OUTPUT
CONTROL IN
SENSE
Top View


Similar Part No. - AMS2502CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2502CS ADMOS-AMS2502CS Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2502CS-1.5 ADMOS-AMS2502CS-1.5 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2502CS-1.8 ADMOS-AMS2502CS-1.8 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2502CS-2.5 ADMOS-AMS2502CS-2.5 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2502CS-2.85 ADMOS-AMS2502CS-2.85 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS2502CS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
1A Low Dropout Voltage Regulators
logo
Microsemi Corporation
LX8610-XX MICROSEMI-LX8610-XX Datasheet
90Kb / 6P
1A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
1A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
1A LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
1A Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
1A VERY LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com