Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF8025SE Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DSF8025SE
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF8025SE Datasheet(HTML) 2 Page - Dynex Semiconductor

  DSF8025SE Datasheet HTML 1Page - Dynex Semiconductor DSF8025SE Datasheet HTML 2Page - Dynex Semiconductor DSF8025SE Datasheet HTML 3Page - Dynex Semiconductor DSF8025SE Datasheet HTML 4Page - Dynex Semiconductor DSF8025SE Datasheet HTML 5Page - Dynex Semiconductor DSF8025SE Datasheet HTML 6Page - Dynex Semiconductor DSF8025SE Datasheet HTML 7Page - Dynex Semiconductor DSF8025SE Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DSF8025SE / DSF8025SG
2/8
www.dynexsemi.com
SURGE RATINGS
Conditions
Max.
Units
7.5
kA
281 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
Parameter
Symbol
10ms half sine; with 0% V
RRM, Tj = 150
oC
6.0
kA
180 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 50% V
RRM, Tj = 150
oC
THERMAL AND MECHANICAL DATA
dc
Conditions
Max.
Units
oC/W
-
0.094
Anode dc
Clamping force 8.0kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.018
Double side
-
Single side
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
-
0.036
oC/W
oC/W
Cathode dc
-
0.094
oC/W
Double side cooled
-
0.047
oC/W
T
stg
Storage temperature range
-55
175
oC
kN
9.0
7.0
Clamping force
-
T
vj
Virtual junction temperature
Forward (conducting)
-
150
oC
Min.
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 65
oC
650
A
T
case = 65
oC
1020
A
T
case = 65
oC
785
A
Half wave resistive load, T
case = 65
oC
385
A
T
case = 65
oC
604
A
T
case = 65
oC
465
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com