Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP484FS Datasheet(PDF) 14 Page - Analog Devices

Part # OP484FS
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484FS Datasheet(HTML) 14 Page - Analog Devices

Back Button OP484FS Datasheet HTML 10Page - Analog Devices OP484FS Datasheet HTML 11Page - Analog Devices OP484FS Datasheet HTML 12Page - Analog Devices OP484FS Datasheet HTML 13Page - Analog Devices OP484FS Datasheet HTML 14Page - Analog Devices OP484FS Datasheet HTML 15Page - Analog Devices OP484FS Datasheet HTML 16Page - Analog Devices OP484FS Datasheet HTML 17Page - Analog Devices OP484FS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
–14–
OP184/OP284/OP484
A +5 V Only, 12-Bit DAC Swings Rail-to-Rail
The OP284 is ideal for use with a CMOS DAC to generate a
digitally-controlled voltage with a wide output range. Figure 51
shows a DAC8043 used in conjunction with the AD589 to gen-
erate a voltage output from 0 V to 1.23 V. The DAC is actually
operating in “voltage switching” mode where the reference is
connected to the current output, IOUT, and the output voltage is
taken from the VREF pin. This topology is inherently noninvert-
ing as opposed to the classic current output mode, which is
inverting and not usable in single supply applications.
VOUT = –––– (5V)
D
4096
R4
100k
Ω
1%
3
2
1
+5V
1/2
OP284
8
4
R2
32.4k
Ω
1%
R3
232
Ω
1%
R1
17.8k
Ω
AD589
GND CLK SR1
LD
VREF
RFB
VDD
IOUT
1.23V
4765
8
2
1
3
DAC8043
+5V
DIGITAL
CONTROL
Figure 51. A +5 V Only, 12-Bit DAC Swings Rail-to-Rail
In this application the OP284 serves two functions. First, it
buffers the high output impedance of the DAC’s VREF pin,
which is on the order of 10 k
Ω. The op amp provides a low
impedance output to drive any following circuitry. Second, the
op amp amplifies the output signal to provide a rail-to-rail out-
put swing. In this particular case, the gain is set to 4.1 so that
the circuit generates a 5 V output when the DAC output is at
full scale. If other output voltage ranges are needed, such as 0 V
≤ V
OUT
≤ 4.095 V, the gain can be easily changed by adjusting
the values of R2 and R3.
A High-Side Current Monitor
In the design of power supply control circuits, a great deal of
design effort is focused on ensuring a pass transistor’s long-term
reliability over a wide range of load current conditions. As a
result, monitoring and limiting device power dissipation is of
prime importance in these designs. The circuit illustrated in
Figure 52 is an example of a +3 V, single-supply high-side cur-
rent monitor that can be incorporated into the design of a volt-
age regulator with fold-back current limiting or a high current
power supply with crowbar protection. This design uses an
OP284’s rail-to-rail input voltage range to sense the voltage
drop across a 0.1
Ω current shunt. A p-channel MOSFET used
as the feedback element in the circuit converts the op amp’s dif-
ferential input voltage into a current. This current is applied to
R2 to generate a voltage that is a linear representation of the
load current. The transfer equation for the current monitor is
given by:
Monitor Output
= R2 ×
RSENSE
R1


× I
L
For the element values shown, the Monitor Output’s transfer
characteristic is 2.5 V/A.
8
1
4
3
+3V
0.1µF
RSENSE
0.1
Ω
+3V
I L
G
S
D
1/2
AD284
2
M1
Si9433
MONITOR
OUTPUT
+3V
R2
2.49k
Ω
R1
100
Ω
Figure 52. A High-Side Load Current Monitor
Capacitive Load Drive Capability
The OP284 exhibits excellent capacitive load driving capabili-
ties. It can drive up to 1 nF as shown in Figure 27. Even
though the device is stable, a capacitive load does not come
without penalty in bandwidth. The bandwidth is reduced to
under 1 MHz for loads greater than 2 nF. A “snubber” network
on the output does not increase the bandwidth, but it does sig-
nificantly reduce the amount of overshoot for a given capacitive
load. A snubber consists of a series R-C network (RS, CS), as
shown in Figure 53, connected from the output of the device to
ground. This network operates in parallel with the load capaci-
tor, CL, to provide the necessary phase lag compensation. The
value of the resistor and capacitor is best determined empirically.
+5V
1/2
OP284
RS
50
Ω
CL
1nF
CS
100nF
VIN
100mVp-p
0.1µF
VOUT
Figure 53. Snubber Network Compensates for Capacitive
Load
The first step is to determine the value of the resistor RS. A
good starting value is 100
Ω (typically, the optimum value will
be less than 100
Ω). This value is reduced until the small-signal
transient response is optimized. Next, CS is determined—10
µF
is a good starting point. This value is reduced to the smallest
value for acceptable performance (typically, 1
µF). For the case
of a 10 nF load capacitor on the OP284, the optimal snubber
network is a 20
Ω in series with 1 µF. The benefit is immedi-
ately apparent as shown in the scope photo in Figure 54. The
top trace was taken with a 1 nF load, and the bottom trace was
taken with the 50
Ω, 100 nF snubber network in place. The
amount of overshoot and ringing is dramatically reduced. Table I
below illustrates a few sample snubber networks for large load
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com