Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAT02FH Datasheet(PDF) 4 Page - Analog Devices

Part # MAT02FH
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02FH Datasheet(HTML) 4 Page - Analog Devices

  MAT02FH Datasheet HTML 1Page - Analog Devices MAT02FH Datasheet HTML 2Page - Analog Devices MAT02FH Datasheet HTML 3Page - Analog Devices MAT02FH Datasheet HTML 4Page - Analog Devices MAT02FH Datasheet HTML 5Page - Analog Devices MAT02FH Datasheet HTML 6Page - Analog Devices MAT02FH Datasheet HTML 7Page - Analog Devices MAT02FH Datasheet HTML 8Page - Analog Devices MAT02FH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAT02
–4–
REV. C
MAT02N
Parameter
Symbol
Conditions
Limits
Units
Average Offset
TCVOS
10
µA ≤ I
C
≤ 1 mA
0.08
µV/°C
Voltage Drift
0
≤ V
CB ≤ VMAX
Average Offset
TCIOS
IC = 10
µA
40
pA/
°C
Current Drift
Gain-Bandwidth
fT
VCE = 10 V, IC = 10 mA
200
MHz
Product
Offset Current Change vs. VCB
∆I
OS/
∆V
CB
0
≤ V
CB
≤ 40 V
70
pA/V
MAT02N
Parameter
Symbol
Conditions
Limits
Units
Breakdown Voltage
BVCEO
40
V min
Offset Voltage
VOS
10
µA ≤ I
C ≤ 1 mA
1
150
µV max
Input Offset Current
IOS
1.2
nA max
Input Bias Current
IB
VCB = 0 V
34
nA max
Current Gain
hFE
IC = 1 mA, VCB = 0 V
400
min
IC = 10
µA, V
CB = 0 V
300
Current Gain Match
∆h
FE
10
µA ≤ I
C
≤ 1 mA, V
CB = 0 V
4
% max
Offset Voltage
∆V
OS/∆VCB
0 V
≤ V
CB ≤ 40 V
50
µV max
Change vs. VCB
10
µA ≤ I
C
≤ 1 mA1
Offset Voltage Change
∆V
OS/
∆I
C
VCB = 0
50
µV max
vs. Collector Current
10
µA ≤ I
C ≤ 1 mA
1
Bulk Resistance
rBE
100
µA ≤ I
C
≤ 10 mA
0.5
Ω max
Collector Saturation Voltage
VCE (SAT)
IC = 1 mA
0.2
V max
IB = 100 µA
NOTES
1Measured at l
C = 10 µA and guaranteed by design over the specified range of I C.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the MAT02 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WAFER TEST LIMITS (@ 25 C for V
CB = 15 V and IC = 10
A, unless otherwise noted.)
(VCB = 15 V, IC = 10 A, TA = +25 C, unless otherwise noted.)
TYPICAL ELECTRICAL CHARACTERISTICS
Die Size 0.061
× 0.057 inch, 3,477 sq. mils
(1.549
× 1.448 mm, 224 sq. mm)
1. COLLECTOR (1)
2. BASE (1)
3. EMITTER (1)
4. COLLECTOR (2)
5. BASE (2)
6. EMITTER (2)
7. SUBSTRATE
DICE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com